Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660H Datasheet(PDF) 2 Page - A-Data Technology

Part # SC660H
Description  Exquisite quality and texture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SC660H Datasheet(HTML) 2 Page - A-Data Technology

  SC660H Datasheet HTML 1Page - A-Data Technology SC660H Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Exquisite quality and texture
Beyond great internal performance, the SC660H
boasts a durable sandblasted and electroplated
titanium cover crafted to resist scratches, chipping,
and fingerprint smudges over a long product lifespan.
Features
● High R/W speed up to 440MB/s
● 3D TLC NAND Flash
● Lighter, quieter, more shock resistant
and more durable than external HDDs
● Supports Android, Mac OS, Windows
● Sleek, stylish, and great for multiple
applications
Specifications
● Interface: USB 3.1
● Capacity: 256GB / 512GB
● Color: Titanium
● Dimensions (L x W x H): 120 x 76 x 9.6mm /
4.7 x 3.0 x 0.38"
● Weight: 73g(2.6oz)
● Warranty: 3 years
Multiple SSD benefits in a sleek package
With no moving parts, they suffer no mechanical wear and
tear, are more reliable long term, and less prone to drop or
shock damage. SSDs are completely silent, with no
humming or grinding sounds. They’re faster than hard
drives without heating up and consume far less power.
The SC660H provides
all this while weighing just 73g: a
comparable 500GB hard drive weighs around 150g!
Ordering Information
Capacity
Model Number
EAN Code
256GB
■
ASC660H-256GU3-CTI 4712366969612
512GB
■
ASC660H-512GU3-CTI 4712366969629



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com