Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR20C Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # BCR20C
Description  MEDIUM POWER USE A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR20C Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  BCR20C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR20C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR20C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR20C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR20C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
1
2
3
5.3 MAX
(
φ16)
23±0.2
φ33 MAX
2-
φ3.2 MIN
φ2.5 MIN
φ2.0 MIN
1
2
3
φ8.7 MAX
1
2
3
T1 TERMINAL
T2 TERMINAL
GATE
TERMINAL
OUTLINE DRAWING
Dimensions
in mm
BCR20B
BCR20E
BCR20C
(16.2)
1
2
3
φ2.0 MIN
M6
×1.0
φ8.7 MAX
1
2
3
φ8.7 MAX
2-
φ3.2 MIN
23±0.2
33 MAX
φ2.0 MIN
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR20A, BCR20B, BCR20C, BCR20E
MEDIUM POWER USE
A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
4.4
0.4
1.2
2.0
2.8
3.6
0.8
1.6
2.4
3.2
4.0
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
TC = 25°C
Tb = 25°C
100
23
5 7 101
80
40
23
5 7 102
44
120
160
320
200
240
280
0
100
23
101
57 102 23 5 7 103 23 5 7 104
3
2
101
7
5
3
2
7
5
7
5
3
2
10–1
VGD = 0.2V
PGM = 5.0W
PG(AV) = 0.5W
VGM = 10V
VGT = 1.5V
IGM = 2A
IFGT I, IRGT I, IRGT III
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CHARACTERISTICS
GATE CURRENT (mA)
200
160
120
80
40
180
140
100
60
20
0
160
60
–20
–40
0
20 40
80 100 120 140
TEST PROCEDURE
Ι, ΙΙ AND ΙΙΙ
GATE TRIGGER CURRENT
GATE TRIGGER
VOLTAGE
GATE TRIGGER CURRENT·VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
PERFORMANCE CURVES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com