Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6644 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6644
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6644 Datasheet HTML 9Page - Analog Devices AD6644 Datasheet HTML 10Page - Analog Devices AD6644 Datasheet HTML 11Page - Analog Devices AD6644 Datasheet HTML 12Page - Analog Devices AD6644 Datasheet HTML 13Page - Analog Devices AD6644 Datasheet HTML 14Page - Analog Devices AD6644 Datasheet HTML 15Page - Analog Devices AD6644 Datasheet HTML 16Page - Analog Devices AD6644 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD6644
Rev. D | Page 12 of 24
EQUIVALENT CIRCUITS
BUF
TH
BUF
BUF
TH
500Ω
AIN
AIN
500Ω
VREF
AVCC
VCH
VCL
VCH AVCC
VCL
Figure 21. Analog Input Stage
LOADS
LOADS
10kΩ
10kΩ
10kΩ
10kΩ
ENCODE
ENCODE
AVCC
AVCC
AVCC
AVCC
Figure 22. ENCODE/ENCODE Inputs
C1 OR C2
AVCC
AVCC
AVCC
VREF
CURRENT
MIRROR
Figure 23. Compensation Pin, C1 or C2
2.4V
AVCC
AVCC
VREF
100µA
Figure 24. 2.4 V Reference
10kΩ
DMID
10kΩ
DVCC
Figure 25. DMID Reference
DVCC
CURRENT
MIRROR
D0 TO D13,
OVR, DRY
DVCC
VREF
CURRENT
MIRROR
Figure 26. Digital Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com