Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9218 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD9218
Rev. C | Page 12 of 28
EQUIVALENT CIRCUITS
VD
REF
10kΩ
AIN
AIN
VD
40k
Ω
30k
Ω
15k
Ω
40k
Ω
30k
Ω
15k
Ω
Figure 6. Analog Input Stage
Figure 10. Reference Inputs
S2
VD
10kΩ
ENCODE
VD
600kΩ
2.6kΩ
2.6kΩ
Figure 11. S2 Input
Figure 7. Encode Inputs
OUT
VD
S1
VD
10kΩ
Figure 8. Reference Output Stage
Figure 12. S1 Input
DFS/GAIN
VREF
VD
15kΩ
15kΩ
VDD
DX
40kΩ
Figure 9. Digital Output Stage
Figure 13. DFS/Gain Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com