Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9226AST Datasheet(PDF) 23 Page - Analog Devices

Part # AD9226AST
Description  ADC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9226AST Datasheet HTML 19Page - Analog Devices AD9226AST Datasheet HTML 20Page - Analog Devices AD9226AST Datasheet HTML 21Page - Analog Devices AD9226AST Datasheet HTML 22Page - Analog Devices AD9226AST Datasheet HTML 23Page - Analog Devices AD9226AST Datasheet HTML 24Page - Analog Devices AD9226AST Datasheet HTML 25Page - Analog Devices AD9226AST Datasheet HTML 26Page - Analog Devices AD9226AST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
REV. B
AD9226
–22–
U1
11
12
13
16
17
18
19
27
26
25
20
21
24
28
D20
D30
D40
D50
D60
D70
D80
D90
D100
D110
D120
D130
OTR0
47
46
45
42
41
40
39
4
1
2
38
37
36
3
D10
48
9
8
10
D00
44
7
43
35
15
14
JP2
JP1
JP6
AVDD
C2
0.1 F
R42
1k
R6
1k
R10
1k
DUTCLK
WHT
TP6
C40
0.001 F
C37
0.1 F
29
23
22
31
34
30
C3
10 F
10V
33
5
6
32
C41
0.001 F
C38
0.1 F
C23
10 F
10V
DUTAVDD
VINA
VINB
SHEET 3
C50
0.1 F
C33
0.1 F
C20
10 F
10V
C32
0.1 F
C34
0.1 F
C39
0.001 F
C36
0.1 F
C1
10 F
10V
DUTAVDD
JP22
JP23
JP25
JP24
C35
0.1 F
C21
10 F
10V
R4
10k
R3
10k
TP5
WHT
OTR
MSB-B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
LSB-B14
NC3
OEB
VR
DUTY
CLK
NC4
DRVDD2
DRVSS2
DFS
AVDD1
AVDD2
AVSS1
AVSS2
SENSE
VREF
REFCOM
CAPB1
CAPB2
CAPT1
CAPT2
CML
VINA
VINB
NC1
NC2
AVSS3
AVSS4
AVDD3
AVDD4
DRVSS3
DRVDD3
DRVDD1
DRVSS1
DUTDRVDD
AD9226LQFP
NC = NO CONNECT
C59
0.1 F
C58
22 F
25V
2
TB1
3
TB1
AGND
FBEAD
2
L1
1
TP2
RED
DUTAVDD
DUTAVDDIN
C53
0.1 F
C48
22 F
25V
5
TB1
4
TB1
AGND
FBEAD
2
L3
1
TP3
RED
DUTDRVDD
DRVDDIN
C52
0.1 F
C47
22 F
25V
1
TB1
FBEAD
2
L2
1
TP1
RED
AVDD
AVDDIN
C14
0.1 F
C6
22 F
25V
6
TB1
FBEAD
2
L4
1
TP4
RED
DVDD
DVDDIN
TP11
BLK
TP12
BLK
TP13
BLK
TP14
BLK
Figure 21. AD9226 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com