Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9244 Datasheet HTML 9Page - Analog Devices AD9244 Datasheet HTML 10Page - Analog Devices AD9244 Datasheet HTML 11Page - Analog Devices AD9244 Datasheet HTML 12Page - Analog Devices AD9244 Datasheet HTML 13Page - Analog Devices AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD9244
Rev. C | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 5.0 V, DRVDD = 3.0 V, fSAMPLE = 65 MSPS with CLK duty cycle stabilizer enabled, TA = 25°C, differential analog input, common-
mode voltage (VCM) = 2.5 V, input amplitude (AIN) = −0.5 dBFS, VREF = 2.0 V external, FFT length = 8K, unless otherwise noted.
FREQUENCY (MHz)
32.5
010
5
152025
30
0
–20
–40
–60
–80
–120
–100
SNR = 74.8dBc
SFDR = 93.6dBc
Figure 10. Single-Tone FFT, fIN = 5 MHz
FREQUENCY (MHz)
32.5
0
10.0
5.0
15.0
20.0
25.0
30.0
0
–20
–40
–60
–80
–100
–120
SNR = 74.0dBc
SFDR = 87.0dBc
Figure 11. Single-Tone FFT, fIN = 31 MHz
FREQUENCY (MHz)
0
5
10
15
20
25
30
0
–20
–40
–60
–100
–80
–120
SNR = 66.5dBc
SFDR = 74.0dBc
Figure 12. Single-Tone FFT, fIN = 190 MHz, fSAMPLE = 61.44 MSPS
AIN (dBFS)
0
–30
–25
–20
–15
–10
–5
100
80
90
70
60
50
40
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR = 90dBc
REFERENCE LINE
SFDR (dBc)
Figure 13. Single-Tone SNR/SFDR vs. AIN, fIN = 5 MHz
AIN (dBFS)
0
30
–25
–20
–15
–10
–5
100
90
80
70
60
50
40
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR = 90dBc
REFERENCE LINE
Figure 14. Single-Tone SNR/SFDR vs. AIN, fIN = 31 MHz
AIN (dBFS)
0
–30
–25
–20
–15
–10
–5
100
90
80
70
60
50
40
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
SFDR = 90dBc
REFERENCE LINE
Figure 15. Single-Tone SNR/SFDR vs. AIN, fIN = 190 MHz, fSAMPLE = 61.44 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com