Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L60D-R5-W Datasheet(PDF) 1 Page - Visual Communications Company

Part # L60D-R5-W
Description  watertight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

L60D-R5-W Datasheet(HTML) 1 Page - Visual Communications Company

  L60D-R5-W Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L60 Series 0.230” (5.9mm) Watertight
LED Panel Mount Indicator
Indicator
Assembly
Ø.12 [Ø3.0]
THD M6 x .75
(METRIC THREAD)
2X NEOPRENE
WASHERS
WASHER
HEXNUT
.16 [4.1]
.63 [16.0]
6.00 [152.4] min.
.50±.10 [12.7±2.5]
24 AWG TPB, UL1061
INSULATION
BLACK (–)
RED (+)
Ø0.232”±0.003”
[5.9mm±0.1mm]
MOUNTING
HOLE
L60 Series offers a robust body with drip-proof
protection in a small package
Applications
Dimensions
Product specifications
VCC Model Number
Output Color
Design Voltage /
Current (Vf/If)
Max. Voltage /
Current (Vf/If)
Typical Intensity
(mcd)
Peak Wavelength
(nm)
L60D-R5-W
RED
5VDC / 17mA
5.5VDC / 20mA
60
635
L60D-A5-W
AMBER
5VDC / 17mA
5.5VDC / 20mA
30
583
L60D-G5-W
GREEN
5VDC / 17mA
5.5VDC / 20mA
44
565
L60D-R12-W
RED
12VDC / 16mA
14VDC / 19mA
60
635
L60D-A12-W
AMBER
12VDC / 16mA
14VDC / 19mA
30
583
L60D-G12-W
GREEN
12VDC / 16mA
14VDC / 19mA
44
565
L60D-R28-W
RED
28VDC / 15.8mA
30VDC / 17.5mA
60
635
L60D-A28-W
AMBER
28VDC / 15.8mA
30VDC / 17.5mA
30
583
L60D-G28-W
GREEN
28VDC / 15.8mA
30VDC / 17.5mA
44
565
Key features
www.vcclite.com
1.800.522.5546
engineered to light up your design
01/15 Rev 1
• watertight
• tinted diffused LEDs
• reflective chrome-plated body
• 45º viewing angle
• mounting hardware provided
• 6” (152.4mm) wire leads, 24 AWG
• mounting hole 0.232” ±0.003”
(5.9mm ±0.1mm)
• maximum panel thickness 0.070”
(1.7mm)
• RoHS compliant
• automotive
• aerospace
• industrial
• instrumentation
• medical
• military
• mining
• outdoor
• safety
• transportation
• vending & gaming machines


Similar Part No. - L60D-R5-W

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
L60 COHERENT-L60 Datasheet
542Kb / 3P
L60 PCD DIAMOND LASER PROFILING MACHINE
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
SINGLE CHIP READ & WRITE CHANNEL
Aug-1993
logo
United Automation Ltd. ...
L60011 UNITEDAUTOMATION-L60011 Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
L60011 UNITEDAUTOMATION-L60011 Datasheet
475Kb / 3P
High Surge with 17A, 230V Variable AC Regulator
1 July 2025
L60012 UNITEDAUTOMATION-L60012 Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
More results

Similar Description - L60D-R5-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
Watertight Miniature Basic Switch
logo
Omron Electronics LLC
Y92A-96N OMRON-Y92A-96N Datasheet
62Kb / 2P
Watertight Panel Covers
D2FW-G OMRON-D2FW-G Datasheet
228Kb / 6P
Watertight Snap Action Switch
logo
Littelfuse
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEY LITTELFUSE-LEY Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
Hammond Manufacturing L...
1590WE HAMMOND-1590WE Datasheet
208Kb / 3P
WATERTIGHT WITH FLANGED LID
logo
Littelfuse
LEB LITTELFUSE-LEB_V01 Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com