Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCL22 Datasheet(PDF) 2 Page - Visual Communications Company

Part # PCL22
Description  Industrial Machinery
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

PCL22 Datasheet(HTML) 2 Page - Visual Communications Company

  PCL22 Datasheet HTML 1Page - Visual Communications Company PCL22 Datasheet HTML 2Page - Visual Communications Company PCL22 Datasheet HTML 3Page - Visual Communications Company PCL22 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Installation Diagrams
The PCL22 Series is available in a range of standard features and options.
To specify your Panel Mount Indicator, select one option from each column.
Product
Termination
22
Pilot
Compact
Light
Color
LED
Illumination
Type
Mounting
Hole
Voltage
PC
L
B
Red
White
Yellow
Blue
Green
Red/Green
100
400
500
600
700
150
12V
24V
12VAC/VDC
24VAC/VDC
22
Part Numbers
Color/Voltage
PCL2212V100B
Red/12V
PCL2212V400B
White/12V
PCL2212V500B
Green/12V
PCL2212V600B
Blue/12V
PCL2212V700B
Yellow/12V
PCL2212V150B
Red/Green/12V
PCL2224V100B
Red/24V
PCL2224V400B
White/24V
PCL2224V500B
Green/24V
PCL2224V600B
Blue/24V
PCL2224V700B
Yellow/24V
PCL2224V150B
Red/Green/24V
Notes:
1. All dimensions are in [millimeters] inches.
2. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
22 mm
Screw Block
Minimum Distance Required Between Mounting Holes
2
your first call for illuminated components
www.vcclite.com
1.800.522.5546
05/17 Rev 1
Ordering Data
22.3
.88
30
1.18 MIN
30
1.18 MIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com