Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3416 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology LTC3416 Datasheet HTML 10Page - Linear Technology LTC3416 Datasheet HTML 11Page - Linear Technology LTC3416 Datasheet HTML 12Page - Linear Technology LTC3416 Datasheet HTML 13Page - Linear Technology LTC3416 Datasheet HTML 14Page - Linear Technology LTC3416 Datasheet HTML 15Page - Linear Technology LTC3416 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3416
13
3416f
APPLICATIO S I FOR ATIO
Decoupling the PVIN and SVIN pins with two 100µF capaci-
tors on both switching regulators is adequate for most
applications.
The resitor values for the voltage divider on VOUT1 can be
calculated by using the following equation:
18
08
1
2
1
..
VV
R
R
=+


Setting R1 to 200k results in a value of 255k for R2. To
calculate the resistor values for the voltage divider on
VOUT2, we can use the following equations:
RR
V
V
VV
RR
R
43
25
18
1
25
08
1
45
3
= 


=+
+


.
.
–
..
Setting R3 to 205k gives the following results: R4 = 78.7k
and R5 = 357k. Figure 6 shows the complete schematic for
this design example.
Figure 6. 1.8V and 2.5V, 4A Voltage Tracking Regulators at 1MHz
L2*
0.47
µH
CFF2
22pF
X7R
R5
357k
R4
78.7k
LTC3416
PVIN
PVIN
SVIN
RUN
PGOOD
TRACK
RT
SGND
PGND
PGND
SW
SW
SW
SW
VFB
NC
NC
ITH
PGND
PGND
7
14
16
4
17
3
2
5
1
10
8
9
12
13
19
6
15
18
20
11
CITH2
680pF
X7R
R3
205k
RITH2
5.9k
RPG2
100k
ROSC2
294k
CIN2**
100
µF
2
×
VIN
3.3V
PGOOD
COUT2**
100
µF
2
×
CC2
22pF
X7R
VOUT2
2.5V
4A
L1*
0.47
µH
CFF1
22pF
X7R
R2
255k
PVIN
PVIN
SVIN
RUN
PGOOD
TRACK
RT
SGND
PGND
PGND
SW
SW
SW
SW
VFB
NC
NC
ITH
PGND
PGND
7
14
16
4
17
3
2
5
1
10
8
9
12
13
19
6
15
18
20
11
CITH1
680pF
X7R
R1
200k
RITH1
5.9k
RPG1
100k
ROSC1
294k
TOKO FDVO630-R47M
TDK C4532X5R0J107M
*
**
CIN1**
100
µF
2
×
VIN
3.3V
PGOOD
COUT1**
100
µF
2
×
CC1
22pF
X7R
3416 F06
VOUT1
1.8V
4A
LTC3416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com