Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3D756 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3D756
Description  Silicon epitaxial planar type (cathode common)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3D756 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3D756 Datasheet HTML 1Page - Panasonic Semiconductor MA3D756 Datasheet HTML 2Page - Panasonic Semiconductor MA3D756 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00046AED
MA3D756 (MA7D56)
Silicon epitaxial planar type (cathode common)
For switching mode power supply
I Features
• Low forward voltage V
F
• High dielectric breakdown voltage: > 5 kV
• Easy-to-mount, due to its V cut lead end
• TO-220D-A1 package
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Repetitive peak reverse-voltage
VRRM
60
V
Average forward current
IF(AV)
10
A
Non-repetitive peak forward-
IFSM
120
A
surge-current *
Junction temperature
Tj
−40 to +125
°C
Storage temperature
Tstg
−40 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR
= 60 V
3
mA
Forward voltage (DC)
VF
IF = 5 A
0.58
V
High voltage rectification
Rth(j-c)
Smoothed current (between junction and case)
3
°C/W
I Electrical Characteristics T
a = 25°C
Internal Connection
23
1
Unit: mm
1 : Anode
2 : Cathode
3 : Anode
TO-220D-A1 Package
1.4±0.2
1.6±0.2
0.8±0.1
0.55±0.15
2.54±0.30
5.08±0.50
12
3
2.6±0.1
2.9±0.2
4.6±0.2
φ 3.2±0.1
9.9±0.3
Note) *: Half sine wave; 10 ms/cycle
Note) Rated input/output frequency: 150 MHz
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA3D756

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D756 PANASONIC-MA3D756 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
logo
Inchange Semiconductor ...
MA3D756 ISC-MA3D756 Datasheet
277Kb / 2P
Schotty Barrier Diode
More results

Similar Description - MA3D756

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D752 PANASONIC-MA3D752 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D755 PANASONIC-MA3D755 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D756 PANASONIC-MA3D756 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D760 PANASONIC-MA3D760 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D761 PANASONIC-MA3D761 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D798 PANASONIC-MA3D798 Datasheet
40Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3S781E PANASONIC-MA3S781E Datasheet
45Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3U755 PANASONIC-MA3U755 Datasheet
39Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3XD14E PANASONIC-MA3XD14E Datasheet
44Kb / 2P
Silicon epitaxial planar type (cathode common)
MA7D50 PANASONIC-MA7D50 Datasheet
66Kb / 3P
Silicon epitaxial planar type (cathode common)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com