Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T52 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T52
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T52 Datasheet(HTML) 2 Page - Vishay Siliconix

  T52 Datasheet HTML 1Page - Vishay Siliconix T52 Datasheet HTML 2Page - Vishay Siliconix T52 Datasheet HTML 3Page - Vishay Siliconix T52 Datasheet HTML 4Page - Vishay Siliconix T52 Datasheet HTML 5Page - Vishay Siliconix T52 Datasheet HTML 6Page - Vishay Siliconix T52 Datasheet HTML 7Page - Vishay Siliconix T52 Datasheet HTML 8Page - Vishay Siliconix T52 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
T52
www.vishay.com
Vishay
Revision: 05-Oct-17
2
Document Number: 40216
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development, contact factory for availability
RATINGS AND CASE CODES (ESR m
)
μF
6.3 V
10 V
16 V
25 V
35 V
47
E5 (55, 70, 100) (1)
E5 (55, 70, 100) (1)
150
E5 (55) (1)
M1 (70) (1)
220
E5 (55) (1) / M1 (55)
M1 (55 / 70)
330
M1 (55)
M1 (40 / 55)
470
M1 (55) (1)
1000
M1 (35 / 55) (1)
1500
M1 (25 / 35 / 55) (1)
MARKING
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
)
MAX. RIPPLE,
100 kHz IRMS
(A)
6.3 VDC AT +105 °C
1000
M1 (1)
T52M1108M6R3C0055
630
10
55
1.732
1000
M1 (1)
T52M1108M6R3C0035
630
10
35
2.171
1500
M1 (1)
T52M1158M6R3C0055
945
10
55
1.732
1500
M1 (1)
T52M1158M6R3C0035
945
10
35
2.171
1500
M1 (1)
T52M1158M6R3C0025
945
10
25
2.569
10 VDC AT +105 °C
220
E5 (1)
T52E5227M010C0055
220
10
55
1.595
220
M1
T52M1227M010C0055
220
10
55
1.732
330
M1
T52M1337M010C0055
330
10
55
1.732
16 VDC AT +105 °C
150
E5 (1)
T52E5157M016C0055
240
10
55
1.595
220
M1
T52M1227M016C0070
352
10
70
1.535
220
M1
T52M1227M016C0055
352
10
55
1.732
330
M1
T52M1337M016C0055
528
10
55
1.732
330
M1
T52M1337M016C0040
528
10
40
2.031
470
M1 (1)
T52M1477M016C0055
752
10
55
1.732
Note
(1) Rating in development, contact factory for availability
Vishay logo
+ + +
T52
VISHAY®
Polarity mark
Capacitance - Voltage
Family
330µF-16V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com