Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCT6
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCT6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCT6 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCT6 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCT6 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92012m-AAS/A1
7/12/00
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.50
V
I
F = 20mA
Reverse Voltage (V
R)
3
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 3V
Output
Collector-emitter Breakdown (BV
CEO)
30
V
I
C = 1mA (note
2)
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR) (Note 2)
MCT6
20
%
10mA I
F , 10V VCE
MCT61
50
%
5mA I
F , 5V VCE
MCT62
100
%
5mA I
F , 5V VCE
MCT66
6
%
10mA I
F , 10V VCE
Collector-emitter Saturation Voltage V
CESAT
MCT6,61,62
0.4
V
16mA I
F , 2mA IC
MCT66
0.4
V
40mA I
F , 2mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
Input to Output Isolation Voltage V
ISO
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time, Fall Time tr , tf
2.4
µs
I
C = 2mA, VCC = 10V,
R
L = 100Ω (Fig. 1)
Output Rise Time, Fall Time tr , tf
15
µs
I
C = 2mA, VCC = 10V,
R
L = 1kΩ (Fig. 2)
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
V
CC = 10V
V
CC = 10V
OUTPUT
FIG 2
FIG 1
t
on
t
off
10%
90%
90%
t
r
t
f
INPUT
OUTPUT
10%
R
L = 1kΩ
R
L = 100Ω
OUTPUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com