Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73844 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 8Page - Microchip Technology MCP73844 Datasheet HTML 9Page - Microchip Technology MCP73844 Datasheet HTML 10Page - Microchip Technology MCP73844 Datasheet HTML 11Page - Microchip Technology MCP73844 Datasheet HTML 12Page - Microchip Technology MCP73844 Datasheet HTML 13Page - Microchip Technology MCP73844 Datasheet HTML 14Page - Microchip Technology MCP73844 Datasheet HTML 15Page - Microchip Technology MCP73844 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
FIGURE 4-1:
Operational Flow Algorithm - MCP73841 and MCP73842.
Preconditioning Phase
Charge Current = IPREG
Reset Safety Timer
Yes
Initialize
No
Yes
VBAT > VPTH
STAT1 = On
VBAT > VPTH
Yes
VDD < VUVLO
No
No
Safety Timer
Yes
Temperature OK
No
STAT1 = Flashing
Safety Timer Suspended
Charge Current = 0
Fault
Charge Current = 0
Reset Safety Timer
or EN Low
No
STAT1 = Flashing
Constant-Current
Charge Current = IREG
Reset Safety Timer
VBAT = VREG
No
No
Safety Timer
Yes
Temperature OK
Constant-Voltage Phase
Output Voltage = VREG
IOUT < ITERM
Yes
VBAT < VRTH
Elapsed Timer
Charge Termination
Charge Current = 0
Reset Safety Timer
No
STAT1 = Off
Yes
Yes
Temperature OK
No
STAT1 = Flashing
Safety Timer Suspended
Charge Current = 0
Yes
Yes
VDD < VUVLO
or EN Low
No
Yes
Yes
Temperature OK
No
STAT1 = Flashing
Charge Current = 0
Yes
No
STAT1 = Off
VDD > VUVLO
Phase
Expired
Expired
No
STAT1 = Flashing
Safety Timer Suspended
Charge Current = 0
EN High
Expired
Note: The qualification parameters are continuously
monitored throughout the charge cycle.
Note
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com