Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD255 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MDD255
Description  High Power Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD255 Datasheet(HTML) 2 Page - IXYS Corporation

  MDD255 Datasheet HTML 1Page - IXYS Corporation MDD255 Datasheet HTML 2Page - IXYS Corporation MDD255 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
0
25
50
75
100
125
150
0
100
200
300
400
0
100
200
300
400
500
0
255075
100
125
150
110
105
106
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
0
100
200
300
400
500
0
250
500
750
1000
1250
1500
I
2t
I
FAVM
I
dAVM
A
P
tot
W
T
A
T
C
s
t
ms
t
A2s
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
450
500
I
FSM
A
A
°C
I
FAVM
W
P
tot
A
°C
0.8
1.2
0.2
0.3
0.4
0.6
R
thKA K/W
0.1
0.15
0.08
0.06
°C
2 x MDD255
Circuit
B2U
T
A
R
thKA K/W
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
DC
V
R = 0V
80 % V
RRM
T
VJ = 45°C
T
VJ = 150°C
50 Hz
T
VJ = 150°C
T
VJ = 45°C
R
L
0.5
0.1
0.2
0.3
Fig. 1 Surge overload current
I
FSM: Crest value, t: duration
Fig. 2 I2t versus time (1-10 ms)
Fig. 3
Maximum forward current
at case temperature
Fig. 4
Power dissipation versus
forward current and ambient
temperature (per diode)
Fig. 5 Single phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
R = resistive load
L = inductive load
MDD 255



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com