Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APLS2385-R Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # APLS2385-R
Description  PLL Synthesizer Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APLS2385-R Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  APLS2385-R Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APLS2385-R Datasheet HTML 2Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
www.asb.co.kr
April 2016
plerowTM APLS2385-R
PLL Synthesizer Module
Parameter
Unit
Min.
Typical
Max.
Frequency Range
MHz
2385
Output Power
dBm
3
Supply Voltage
V
5
Current Consumption
mA
30
2nd Harmonics
dBc
-25
Spurious Level
dBc
-65
Reference Frequency
MHz
10
Reference Input Level
dBm
0
Phase Noise (C / N)
@ 1 kHz
dBc/Hz
-80
@ 10 kHz
-95
@ 100 kHz
-115
Output Impedance
50
Operating Temp. Range
C
-40
25
85
Package Type & Size
mm
SMT, 12.7W
12.7L3H
1) Measurement conditions are as follows: T = 25
C, V
CC = 5 V, Freq. = 2385 MHz, 50 ohm system.
2) The phase noise tolerance could be within +/- 2 dBc/Hz depending upon the noise applied to PLL from the dc power supplier.
Specifications
Description
The plerowTM PLL synthesizer module was designed for use in wireless and wire-
line systems in a wide range of frequency from 50 MHz to 6 GHz. ASB
’s PLL pro-
vides exceptionally low spurious and phase noise performance with fast locking
time and low current consumption. All products are available in a surface-mount
type package.
More Information
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB Inc., 44-14, Techno 10-ro,
Yuseong-gu Daejeon, 305-510,
Korea


Similar Part No. - APLS2385-R

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APLS2332.5-R ASB-APLS2332.5-R Datasheet
161Kb / 2P
PLL Synthesizer Module
APLS2340-R ASB-APLS2340-R Datasheet
190Kb / 2P
PLL Synthesizer Module
APLS2345-R ASB-APLS2345-R Datasheet
162Kb / 2P
PLL Synthesizer Module
More results

Similar Description - APLS2385-R

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0165-R ASB-APL0165-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0385 ASB-APL0385_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0734-R ASB-APL0734-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0840-R ASB-APL0840-R Datasheet
117Kb / 2P
PLL Synthesizer Module
June 2010
APL0855 ASB-APL0855_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
APL0952 ASB-APL0952_13 Datasheet
202Kb / 2P
PLL Synthesizer Module
June 2010
APL1006 ASB-APL1006_13 Datasheet
204Kb / 2P
PLL Synthesizer Module
June 2010
APL1015-T ASB-APL1015-T Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
APL1288-R ASB-APL1288-R Datasheet
201Kb / 2P
PLL Synthesizer Module
June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com