Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APLS2455-R Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # APLS2455-R
Description  PLL Synthesizer Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APLS2455-R Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  APLS2455-R Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APLS2455-R Datasheet HTML 2Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
www.asb.co.kr
April 2016
plerowTM APLS2455-R
PLL Synthesizer Module
Outline Drawing
Type
Dimension
PLL IC + VCO + ROM
12.7 x 12.7 x 3
Pin Out for PLL
Pin No.
Application
Pin No.
Application
1
GROUND
7
VCC (VCO)
2
GROUND
9
RF OUT
3
GROUND
11
VCC (PLL)
4
OSC IN
12
LOCK DETECT
All other Pins are Grounded / Internal ROM
Micro-controller
Reference Freq.
Source (TCXO)
RF OUT
VCC(+5V) for PLL IC
VCC(+5V) for VCO
Capacitor for Noise
Filtering
Capacitor for Noise
Filtering
LOCK DETECT (LD)
OSC IN
APLS0000
-R
ASB Inc.
Copyright 2006-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com