Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC4016 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC4016
Description  Quad Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC4016 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC4016 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC4016 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5350
August 1989
MM54HC4016MM74HC4016
Quad Analog Switch
General Description
These devices are digitally controlled analog switches im-
plemented in advanced silicon-gate CMOS technology
These switches have low ‘‘on’’ resistance and low ‘‘off’’
leakages They are bidirectional switches thus any analog
input may be used as an output and vice-versa The ‘4016
devices allow control of up to 12V (peak) analog signals
with digital control signals of the same range Each switch
has its own control input which disables each switch when
low All analog inputs and outputs and digital inputs are pro-
tected from electrostatic damage by diodes to VCC and
ground
Features
Y
Typical switch enable time 15 ns
Y
Wide analog input voltage range 0 – 12V
Y
Low ‘‘on’’ resistance 50X typ
Y
Low quiescent current 80 mA maximum (74HC)
Y
Matched switch characteristics
Y
Individual switch controls
Connection Diagram
Dual-In-Line Package
TLF5350 – 1
Top View
Order Number MM54HC4016 or MM74HC4016
Schematic Diagram
TLF5350 – 2
Truth Table
Input
Switch
CTL
IO-OI
L
‘‘OFF’’
H
‘‘ON’’
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC4016

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
More results

Similar Description - MM54HC4016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
Quad Analog Switch/Quad Multiplexer
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
Quad analog switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
Quad-Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com