Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC4016 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC4016
Description  Quad Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC4016 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74HC4016 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC4016 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05 to a15V
DC Control Input Voltage (VIN)
b
15 to VCCa15V
DC Switch IO Voltage (VIO)
b
05 to VCCa05V
Clamp Diode Current (IIK IOK)
g
20 mA
DC Output Current per pin (IOUT)
g
25 mA
DC VCC or GND Current per pin (ICC)
g
50 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
(Note 3)
600 mW
SO Package only
500 mW
Lead Temp (TL) (Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
2
12
V
DC Input or Output Voltage
0
VCC
V
(VIN VOUT)
Operating Temp Range (TA)
MM74HC
b
40
a
85
C
MM54HC
b
55
a
125
C
Input Rise or Fall Times
VCCe20V
(tr tf)
1000
ns
VCCe45V
500
ns
VCCe60V
400
ns
DC Electrical Characteristics (Note 4)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
VIH
Minimum High Level
20V
15
15
15
V
Input Voltage
45V
315
315
315
V
90V
63
63
63
V
120V
84
84
84
V
VIL
Maximum Low Level
20V
05
05
05
V
Input Voltage
45V
135
135
135
V
90V
27
27
27
V
120V
36
36
36
V
RON
Maximum ‘ON’ Resistance VCTLeVIH ISe20 mA
45V
100
170
200
220
X
(See Note 5)
VISeVCC to GND
90V
50
85
105
120
X
(Figure 1)
120V
30
70
85
100
X
20V
100
180
215
240
X
VCTLeVIH ISe20 mA
45V
40
80
100
120
X
VISeVCC or GND
90V
35
60
75
80
X
(Figure 1)
120V
20
40
60
70
X
RON
Maximum ‘ON’ Resistance VCTLeVIH
45V
10
15
20
20
X
Matching
VISeVCC to GND
90V
5
10
15
15
X
12V
5
10
15
15
X
IIN
Maximum Control
VINeVCC or GND
60V
g
01
g
10
g
10
m
A
Input Current
IIZ
Maximum Switch ‘OFF’
VOSeVCC or GND
60V
g
60
g
600
g
600
nA
Leakage Current
VISeGND or VCC
90V
g
80
g
800
g
800
nA
VCTLeVIL (Figure 2)
120V
g
100
g
1000
g
1000
nA
IIZ
Maximum Switch ‘ON’
VISeVCC to GND
60V
g
40
g
150
g
150
nA
Leakage Current
VCTLeVIH VOH e OPEN 90V
g
50
g
200
g
200
nA
(Figure 3)
120V
g
60
g
300
g
300
nA
ICC
Maximum Quiescent
VINeVCC or GND
60V
20
20
40
m
A
Supply Current
IOUTe0 mA
90V
40
40
80
m
A
120V
80
80
160
m
A
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Power Dissipation temperature derating
plastic ‘‘N’’ package b12 mW C from 65 Cto85 C ceramic ‘‘J’’ package b12 mW C from 100 Cto125 C
Note 4
For a power supply of 5V g10% the worst case on resistances (RON) occurs for HC at 45V Thus the 45V values should be used when designing with
this supply Worst case VIH and VIL occur at VCCe55V and 45V respectively (The VIH value at 55V is 385V) The worst case leakage current occur for CMOS at
the higher voltage and so these values should be used
Note 5
At supply voltages (VCC–GND) approaching 2V the analog switch on resistance becomes extremely non-linear Therefore it is recommended that these
devices be used to transmit digital only when using these supply voltages
VIL limits are currently tested at 20% of VCC The above VIL specification (30% of VCC) will be implemented no later than Q1 CY’89
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com