Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7010 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 7010
Description  PLANAR BULKHEAD with DC Block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

7010 Datasheet(HTML) 1 Page - API Technologies Corp

  7010 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.
weinschel.apitech.com s email: weinschel-sales@apitech.com
174
Revision Date:
10/2016
DC Blocks
Model 7010
10 MHz to 26.5 GHz
PLANAR BULKHEAD with DC Block
SMK Connectors to Planar Interface
NOTE:
All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.
Features
o Usable to 40 GHz.
o Eliminates the requirement for a separate dc Block
to protect instrument front ends.
o Offers the user multiple connector options and
quick replacement of damaged connectors.
o Provides all the features and versatility of the
PLANAR CROWN
® Connector System.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE: 10 MHz to 26.5 GHz
TEMPERATURE RANGE: 0°C to +60°C (operating)
-40°C to +70°C (non-operating)
CONNECTORS: Primary connector is SMK (2.92 mm)
female or male connector, with a PLANAR INTERFACE on
opposite end. Contact Pin Recession of SMK (2.92mm) is
0 to 0.076 mm (0 to 0.003 in) for reference plane. Add -1 for
female SMK connector or -2 for SMK male connector
CONSTRUCTION:
Passivated Stainless steel body and
connectors; gold plated beryllium copper contacts
WEIGHT: Net: 20 g (0.7 oz)
PHYSICAL DIMENSIONS:
Note: SWR and Insertion Loss specifications are based
on a mated pair of Models 7010-X and 7005A-XX PLANAR
CROWN
® connector types.
DC BLOCK CAPACITOR RATING: 1,700 pf minimum;
+ 50 Vdc working voltage
SCHEMATIC DIAGRAM:
MAXIMUM SWR:
Frequency (GHz)
SWR
10 MHz - 18
1.20
18 - 26.5
1.25
INSERTION LOSS & REPEATABILITY (dB):
Frequency (GHz)
Loss
10 MHz - 18
0.6
18 - 26.5
0.9
Planar
Interface
2.92mm
Connector
Model 7010-1
Model 7010-2
RoHS


Similar Part No. - 7010

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7010 BOURNS-7010 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Heyco.
7010 HEYCO-7010 Datasheet
132Kb / 1P
Male Pins
logo
Time Electronics Ltd.
7010 TIME-ELECTRONICS-7010 Datasheet
986Kb / 2P
7010 Single Channel Pressure Calibrator
06/22
logo
Arista Networks, Inc
7010-1RU ARISTA-7010-1RU Datasheet
1Mb / 40P
7010 Series 1RU Data Center Switches
logo
Bourns Electronic Solut...
7010-RC BOURNS-7010-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
More results

Similar Description - 7010

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50DB-009 JFW-50DB-009 Datasheet
26Kb / 1P
DC BLOCK
50DB-039 JFW-50DB-039 Datasheet
25Kb / 1P
DC BLOCK
75DB-001 JFW-75DB-001 Datasheet
26Kb / 1P
DC BLOCK
75DB-010 JFW-75DB-010 Datasheet
25Kb / 1P
DC BLOCK
logo
Rosenberger Hochfrequen...
32DS122-K00L5 ROSENBERGER-32DS122-K00L5 Datasheet
171Kb / 2P
DC-BLOCK
logo
JFW Industries, Inc.
50DB-002 JFW-50DB-002_16 Datasheet
26Kb / 1P
DC BLOCK
50DB-039 JFW-50DB-039_16 Datasheet
26Kb / 1P
DC BLOCK
57ZTT-AP JFW-57ZTT-AP Datasheet
67Kb / 1P
IMPEDANCE MATCHING TRANSFORMER WITH DC BLOCK
75DB-001 JFW-75DB-001_16 Datasheet
26Kb / 1P
DC BLOCK
logo
Mini-Circuits
BLK-V54 MINI-BLK-V54 Datasheet
191Kb / 2P
DC Block
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com