Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS05C Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FMS05C
Description  Transient Voltage Suppressor For ESD array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FMS05C Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FMS05C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FMS05C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FMS05C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FMS05C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FMS05C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Applications
●
Personal Digital Assistance
●
NB and Handhelds
●
DVI
●
High Speed Data Line
●
Prints
●
Computers
Feature
●
With TVS Diode
●
ESD Protection:Level 4
●
Low clamping voltage
●
300 Watts peak pulse power per line(tp=8/20uS)
●
Ultra low capacitance:140pf max.(any I/O to GND.)
●
Protection 4 lines I/O port
SOT23-6L
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):LeveL 4,Contact:±30kv,Air::±30kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):17A,8/20us,Each Pin to GND.
Mechanical Characteristics
●
Molded JEDEC SOT23-6L package
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us) see fig 1.
PPP
300
Watts
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Peak Pulse Current (tp=8/20us)
IPP
17
A
Electrostatic Discharge
VESD
>
30(Contact)
>30(Air)
KV
FMS05C
Transient Voltage Suppressor For ESD array
Device Characteristics
Pin
Identification
1,3,4,5,6
Input lines
2
Ground
①
②
③
④
⑤
⑥
Futurewafer Technology Co., Ltd
E1601F6V-STD-FW-001


Similar Part No. - FMS05C

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FMS05C-130PF FUTUREWAFER-FMS05C-130PF Datasheet
1Mb / 5P
Transient Voltage Suppressor For ESD array
More results

Similar Description - FMS05C

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TVSA02V05C004 COOPER-TVSA02V05C004 Datasheet
352Kb / 2P
Transient Voltage ESD Suppressor
logo
FutureWafer Tech Co.,Lt...
FMS05C-130PF FUTUREWAFER-FMS05C-130PF Datasheet
1Mb / 5P
Transient Voltage Suppressor For ESD array
VCLAMP05 FUTUREWAFER-VCLAMP05 Datasheet
1Mb / 5P
Quad Bi-Directional Transient Suppressor For ESD array
logo
Eaton All Rights Reserv...
TVSA EATON-TVSA Datasheet
401Kb / 2P
Transient voltage ESD suppressor
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2113-04F AMAZING-AZ2113-04F Datasheet
989Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2013/08/01
AZ2115-04C AMAZING-AZ2115-04C Datasheet
145Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-04SN1 AMAZING-AZ2115-04SN1 Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05C AMAZING-AZ2115-05C Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F AMAZING-AZ2115-05F Datasheet
154Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com