Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV620H Datasheet(PDF) 2 Page - A-Data Technology

Part # SV620H
Description  Simple driver-less plug n play
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SV620H Datasheet(HTML) 2 Page - A-Data Technology

  SV620H Datasheet HTML 1Page - A-Data Technology SV620H Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scratch-Preventing Design
● Raised edges to protect from scratches
Enjoy all the Benefits of SSD
● Lighter, faster, quieter, more durable, shock resistant
and power-saving than an external HDD
● Convenient to use without the hassle of buying an
internal SSD and placing it in an external enclosure
Features
Ordering Information
● 3D TLC NAND Flash
Capacity
Model Number
EAN Code
● High R/W speed: up to 440MB/s
256GB
ASV620H-256GU3-CTI
4712366969599
● Raised edges protect surface from
512GB
ASV620H-512GU3-CTI
4712366969605
scratching
●Sandblasted metallic finish for a high quality look
● Simple driver-less plug n play
● Wide OS compatibility: Android, MAC OS,
Windows
● Free value-added software: HDDtoGO, OStoGO
Specifications
● Interface: USB 3.1
● Capacity: 256GB / 512GB
● Color: Titanium
● Dimensions (L x W x H): 115 x 78 x 11.5mm /
4.5 x 3.0 x 0.4"
● Weight: 76g / 2.7oz
● Warranty: 3 years



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com