Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUC360-64G-RGD Datasheet(PDF) 2 Page - A-Data Technology

Part # AUC360-64G-RGD
Description  Simple driver-less plug n play
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AUC360-64G-RGD Datasheet(HTML) 2 Page - A-Data Technology

  AUC360-64G-RGD Datasheet HTML 1Page - A-Data Technology AUC360-64G-RGD Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Protection from water, dust, and shock
● High durability: resistant to water, dust, and impact
● Highly compact form factor
● Ensures utmost reliability for great data protection
An easy-go design with strap mount
Integrated strap mount makes it easy to carry your data
with you on a lanyard, keychain, or necklace.
Features
Ordering Information
● OTG (On-The-Go) design for direct connection
Capacity
Model Number
EAN Code
● High speed USB 3.1 interface
16GB
AUC360-16G-RGD
4712366963542
● Integrated strap mount for great portability
32GB
AUC360-32G-RGD
4712366963559
● Simple driver-less plug n play
64GB
AUC360-64G-RGD
4712366963566
● Advanced COB (Chip-On-Board) process for
improved durability – highly resistant to water,
dust, and impact
Specifications
● Capacity: 16GB / 32GB / 64GB
● Housing: metal
● Dimensions (L x W x H):
27.7 x 13.5 x 7.0mm / 1.09 x 0.53 x 0.28 inch
● Weight: 3.8g / 0.18oz
● Interface: USB-A and microUSB, USB 3.1
(backward compatible with USB 2.0)
● Warranty: lifetime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com