Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACU370-16G-RGD Datasheet(PDF) 2 Page - A-Data Technology

Part # ACU370-16G-RGD
Description  Reversible USB-C connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ACU370-16G-RGD Datasheet(HTML) 2 Page - A-Data Technology

  ACU370-16G-RGD Datasheet HTML 1Page - A-Data Technology ACU370-16G-RGD Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Protection from water, dust, and shock
● High durability: resistant to water, dust, and impact
● Highly-compact form factor
● Ensures utmost reliability for an extended lifespan
An easy-go design with strap mount
An integral strap mount makes it easy to carry your
data with you on a lanyard, keychain, or necklace.
Features
Ordering Information
● OTG (On-The-Go) design for direct connection
Capacity
Model Number
EAN Code
● Reversible USB-C connector
16GB
AUC370-16G-RGD
4713218460172
● High speed USB 3.1 interface
32GB
AUC370-32G-RGD
4713218460189
● Integrated strap mount for great portability
64GB
AUC370-64G-RGD
4713218460196
● Simple driver-less plug n play
● Advanced COB (Chip-On-Board) process for
improved durability – highly resistant to water,
dust, and impact
Specifications
● Capacity: 16GB / 32GB / 64GB
● Housing: metal
● Dimensions (L x W x H):
30.0 x 13.2 x 8.6mm / 1.18 x 0.52 x 0.34 inch
● Weight: 3.7g / 0.18oz
● Interface: USB-A/USB-C with USB 3.1
(backward compatible with USB 2.0)
● Warranty: lifetime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com