Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUD311-16G-RBL Datasheet(PDF) 2 Page - A-Data Technology

Part # AUD311-16G-RBL
Description  Mini COB construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AUD311-16G-RBL Datasheet(HTML) 2 Page - A-Data Technology

  AUD311-16G-RBL Datasheet HTML 1Page - A-Data Technology AUD311-16G-RBL Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Ordering Information
● Strap hole for easy portability
Capacity
Model Number
EAN Code
● Water-resistant
16GB
■
AUD311-16G-RBL
4713435798331
● Impact resistant
32GB
■
AUD311-32G-RBL
4713435798348
● Mini COB construction
● Jewel-like faceted cap
Specifications
Performance
● Interface: USB 3.0
Capacity
Seq. Read (max.)
Seq. Write (max.)
● Capacity: 16GB-32GB
16GB
40 MB/sec
10 MB/sec
● Dimensions (L x W x H):
32GB
40 MB/sec
10 MB/sec
25 x 17 x 8mm (1.0 x 0.7 x 0.3in)
● Weight: 3g (0.1oz)
● Warranty: Lifetime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com