Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACU370-64G-RGD Datasheet(PDF) 1 Page - A-Data Technology

Part # ACU370-64G-RGD
Description  Reversible USB-C connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ACU370-64G-RGD Datasheet(HTML) 1 Page - A-Data Technology

  ACU370-64G-RGD Datasheet HTML 1Page - A-Data Technology ACU370-64G-RGD Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADATA UC370 USB OTG FLASH DRIVE
The UC370 USB OTG Flash drive integrates USB-A and USB-C connectors with USB 3.1 in an ultra-small housing,
delivering higher efficiency and convenience for data transfer across numerous devices such as smartphones,
tablets, and PCs. It's resistant to water, dust, and shocks, and includes a neat strap mount for excellent portability.
USB-C: ideal for new MacBook
● Combines USB-A and USB-C connectors with
USB 3.1
● Supports the latest MacBook plus all PCs and mobile
devices with compatible USB ports
.
Reversible USB-C connector for improved
convenience and transmission
The reversible USB-C plug makes connecting more
user-friendly and intuitive. It also provides higher transfer
speeds than older USB 3.0 devices, supporting up to
10Gbps.
Extra expansion for your devices
● Available in 16GB to 64GB
● Works as storage expansion for mobile devices
● Simple plug n play with instant detection and no drivers
or installation


Similar Part No. - ACU370-64G-RGD

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
CATV/TV Cable modem Upconverter MMIC
Rev 1
ACU2109S3C ANADIGICS-ACU2109S3C Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3CTR ANADIGICS-ACU2109S3CTR Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3GP0 ANADIGICS-ACU2109S3GP0 Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
More results

Similar Description - ACU370-64G-RGD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR050-010 TRIPPLITE-UR050-010 Datasheet
499Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR020006 TRIPPLITE-UR020006 Datasheet
517Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 6-ft
UR020010 TRIPPLITE-UR020010 Datasheet
516Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 10-ft
UR020003 TRIPPLITE-UR020003 Datasheet
512Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 3-ft
logo
A-Data Technology
UC350 A-DATA-UC350 Datasheet
518Kb / 2P
New Type C reversible connector
logo
Tripp Lite. All Rights ...
UR020-003 TRIPPLITE-UR020-003 Datasheet
164Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to Reversible A M/M), 3-ft.
UR024-000 TRIPPLITE-UR024-000 Datasheet
169Kb / 2P
Universal Reversible USB 2.0 Adapter (Reversible A to A M/F)
logo
IOGEAR
G2LU3CAM01-WT IOGEAR-G2LU3CAM01-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable
G2LU3CAM02-WT IOGEAR-G2LU3CAM02-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable 6.5ft. (2m)
GAMU01 IOGEAR-GAMU01 Datasheet
213Kb / 3P
Charge & Sync Flip Pro, Reversible USB to Reversible Micro USB Cable (3.3ft/1m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com