Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

828 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 828
Description  Differential Input 4-Pole Filters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

828 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  828 Datasheet HTML 1Page - Frequency Devices, Inc. 828 Datasheet HTML 2Page - Frequency Devices, Inc. 828 Datasheet HTML 3Page - Frequency Devices, Inc. 828 Datasheet HTML 4Page - Frequency Devices, Inc. 828 Datasheet HTML 5Page - Frequency Devices, Inc. 828 Datasheet HTML 6Page - Frequency Devices, Inc. 828 Datasheet HTML 7Page - Frequency Devices, Inc. 828 Datasheet HTML 8Page - Frequency Devices, Inc. 828 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 102.4 kHz
8-Bit Programmable
D824 Series
2" x 2"
Differential Input
4-Pole Filters
Description
The D824 Series are digitally programmable low
pass and high pass active filters with differential
input that are tunable over a 256:1 frequency range.
D824 filters are available with any one of five
standard factory-set tuning ranges up to 102.4 kHz.
These units contain 8 CMOS logic inputs .
All D824 Series models are convenient, low profile,
easy to use fully finished filters which require no ex-
ternal components or adjustments. They feature low
harmonic distortion, and near theoretical phase and
amplitude characteristics. D824 filters operate from
non-critical ± 12 to ± 18 Vdc power supplies, have a
10 k
W (min.) input impedance, a 10 W (max.) output.
Features/Benefits:
• Compact 2" x 2" design minimizes board space
requirements.
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each appli-
cation.
• Plug-in ready-to-use, reducing engineering de-
sign and manufacturing cycle time.
• Factory-set tuning range, no external clocks or
adjustments needed.
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications. . . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
D824L8B
4-pole Butterworth . . . . . . . . . . . . . . . . . 3
D824L8L
4-pole Bessel . . . . . . . . . . . . . . . . . . . . . 3
D824L8Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . 3
D824L8Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . 3
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
D824H8B
4-pole Butterworth . . . . . . . . . . . . . . . . . 4
D824H8Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . 4
D824H8Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . 4
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 5
Pin-out/package data. . . . . . . . . . . . . . . . . . . . . . . . . 5


Similar Part No. - 828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
828 ETC1-828 Datasheet
605Kb / 19P
2 X 2 8-Pole Filters
828 ETC2-828 Datasheet
859Kb / 8P
Pérmanent Magnets
logo
Abbatron All Rights Res...
828 ABBATRON-828 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
828 BG-828 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
828 BG-828 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
More results

Similar Description - 828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
2 X 4 4-Pole Filters
858L8B ETC1-858L8B Datasheet
540Kb / 19P
2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
2" x 4" 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
32-Pin DIP 4 - Pole Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
Fixed Frequency 4-Pole Pair Filters
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
DIP Filters 8-, 6-, 4-Pole Filters
D74L4B FREQUENCYDEVICES-D74L4B Datasheet
773Kb / 6P
16 Pin DIP 4-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
2" x 2" Differential Input 4-Pole Filters
D828L8B-2 FREQUENCYDEVICES-D828L8B-2 Datasheet
711Kb / 18P
2" x 2" Differential Input 8-Pole Filters
D61 FREQUENCYDEVICES-D61 Datasheet
706Kb / 6P
4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com