Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUV110-8G-RBL Datasheet(PDF) 1 Page - A-Data Technology

Part # AUV110-8G-RBL
Description  Choice of four popular colors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AUV110-8G-RBL Datasheet(HTML) 1 Page - A-Data Technology

  AUV110-8G-RBL Datasheet HTML 1Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.adata-group.com
DashDrive UV110
Features
> Choice of four popular colors
> Elegant slider type with retractable USB connector
> Slim compact design
> Small and easy to carry
> Integrated strap hole for keychain or lanyard
Specifications
USB 2.0 USB FLASH Drive
Ordering Information
Capacity
Model Number
Color
EAN Code
4GB
8GB
AUV110-4G-RWH
AUV110-4G-RPK
AUV110-4G-RBL
AUV110-4G-RBR
AUV110-8G-RWH
AUV110-8G-RPK
AUV110-8G-RBL
AUV110-8G-RBR
AUV110-16G-RWH
AUV110-16G-RPK
AUV110-16G-RBL
AUV110-16G-RBR
AUV110-32G-RWH
AUV110-32G-RPK
AUV110-32G-RBL
AUV110-32G-RBR
White
Pink
Blue
Brown
White
Pink
Blue
Brown
White
Pink
Blue
Brown
White
Pink
Blue
Brown
4713435794852
4713435794937
4713435794890
4713435794975
4713435794869
4713435794944
4713435794906
4713435794982
4713435794876
4713435794951
4713435794913
4713435794999
4713435794883
4713435794968
4713435794920
4713435795002
16GB
32GB
> Capacity: 4GB/8GB/16GB/32GB
> Dimensions (L x W x H): 69 x 21 x 9mm(2.7 x 0.8 x 0.4in)
> Weight: 11g(0.4oz)
>Specification: USB 2.0 (Backwards compatible with 1.1)
> Available in White, Pink, Blue and Brown color
> Supports Windows XP, Vista, Windows 7 and Mac OS 9.X
or higher with no device driver needed
> Hot Plug & Play


Similar Part No. - AUV110-8G-RBL

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AUV100F-16G-RRD A-DATA-AUV100F-16G-RRD Datasheet
703Kb / 2P
Christmas icons for holiday season
AUV100F-32G-RRD A-DATA-AUV100F-32G-RRD Datasheet
703Kb / 2P
Christmas icons for holiday season
AUV130-16G-RGD A-DATA-AUV130-16G-RGD Datasheet
259Kb / 1P
USB Flash Drive
AUV130-32G-RGD A-DATA-AUV130-32G-RGD Datasheet
259Kb / 1P
USB Flash Drive
AUV130-8G-RGD A-DATA-AUV130-8G-RGD Datasheet
259Kb / 1P
USB Flash Drive
More results

Similar Description - AUV110-8G-RBL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7664IDTR-F EXAR-XRP7664IDTR-F Datasheet
375Kb / 2P
The Popular Choice for 2A Power Rail Down Conversions
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
pushbutton head - 횠 30 - 7 colors choice
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
OPTEK Technologies
OPL550A OPTEK-OPL550A Datasheet
434Kb / 8P
Choice of four output options in low-cost side-looking package
logo
Vishay Siliconix
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
Choice of five bright colors
09-Jan-17
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
Choice of three bright colors
14-Oct-15
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
Choice of three bright colors
16-Mar-15
logo
PHOENIX CONTACT
2907596 PHOENIX-2907596 Datasheet
72Kb / 4P
Choice of four cover sizes in transparent or color versions
2943288 PHOENIX-2943288 Datasheet
70Kb / 4P
Choice of four cover sizes in transparent or color versions
logo
Shenzhen Huazhimei Semi...
CD4052 HMSEMI-CD4052 Datasheet
779Kb / 14P
two-way four-choice analog switch circuit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com