Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP34X1G Datasheet(PDF) 21 Page - Micronas

Part # MSP34X1G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X1G Datasheet(HTML) 21 Page - Micronas

Back Button MSP34X1G Datasheet HTML 17Page - Micronas MSP34X1G Datasheet HTML 18Page - Micronas MSP34X1G Datasheet HTML 19Page - Micronas MSP34X1G Datasheet HTML 20Page - Micronas MSP34X1G Datasheet HTML 21Page - Micronas MSP34X1G Datasheet HTML 22Page - Micronas MSP34X1G Datasheet HTML 23Page - Micronas MSP34X1G Datasheet HTML 24Page - Micronas MSP34X1G Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
21
Mode tone control
00 20
[15:8]
[BASS/TREBLE, EQUALIZER]
BASS/TREB
34
Equalizer loudspeaker ch. band 1
00 21
[15:8]
[
+12 dB ... −12 dB]
0 dB
35
Equalizer loudspeaker ch. band 2
00 22
[15:8]
[
+12 dB ... −12 dB]
0 dB
35
Equalizer loudspeaker ch. band 3
00 23
[15:8]
[
+12 dB ... −12 dB]
0 dB
35
Equalizer loudspeaker ch. band 4
00 24
[15:8]
[
+12 dB ... −12 dB]
0 dB
35
Equalizer loudspeaker ch. band 5
00 25
[15:8]
[
+12 dB ... −12 dB]
0 dB
35
Automatic Volume Correction
00 29
[15:8]
[off, on, decay time]
off
33
Subwoofer level adjust
00 2C
[15:8]
[+12 dB ...
−30 dB, mute]
0 dB
38
Subwoofer corner frequency
00 2D
[15:8]
[50 Hz ... 400 Hz]
00hex
38
Subwoofer complementary high-pass
[7:0]
[off, on, MDB to Main]
off
38
Balance headphone channel [L/R]
00 30
[15:8]
[0...100 / 100% and 100 / 0...100%]
[
−127...0 / 0 and 0 / −127...0 dB]
100%/100%
33
Balance mode headphone
[7:0]
[Linear mode / logarithmic mode]
linear mode
Bass headphone channel
00 31
[15:8]
[
+20 dB ... −12 dB]
0 dB
34
Treble headphone channel
00 32
[15:8]
[
+15 dB ... −12 dB]
0 dB
35
Loudness headphone channel
00 33
[15:8]
[0 dB ...
+17 dB]
0 dB
36
Loudness filter characteristic
[7:0]
[NORMAL, SUPER_BASS]
NORMAL
Volume SCART2 output channel
00 40
[15:8]
[
+12 dB ... −114 dB, MUTE]
00hex
40
SCART2 source select
00 41
[15:8]
[FM, NICAM, SCART, I2S1, I2S2]
FM
31
SCART2 channel matrix
[7:0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
31
Virtual Surround OFF/ON switch
00 48
[15:8]
[OFF/ON]
00hex
42
Virtual Surround spatial effect strength
00 49
[15:8]
[0% - 100%]
00hex
42
Virtual Surround 3D effect strength
00 4A
[15:8]
[0% - 100%]
00hex
42
Virtual Surround mode
00 4B
[15:0]
[PANORAMA/3D-PANORAMA]
00hex
42
Noise generator
00 4D
[15:0]
[OFF/ON, Noise_L, Noise_C, Noise_R, Noise_S]
00hex
43
MDB Effect Strength
00 68
[15:8]
[0 dB ... 127 dB, off]
off
38
MDB Amplitude Limit
00 69
[15:8]
[0 dBFS... -32 dBFS]
0 dBFS
38
MDB Harmonic Content
00 6A
[15:8]
[0% ... 100%]
0%
39
MDB Low Pass Corner Frequency
00 6B
[15:8]
[50 Hz ... 300 Hz]
0 Hz
39
MDB High Pass Corner Frequency
00 6C
[15:8]
[20 Hz ... 300 Hz]
0 Hz
39
Table 3–5: List of MSP 34x1G Write Registers, continued
Write Register
Address
(hex)
Bits
Description and Adjustable Range
Reset
See
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com