Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3411G Datasheet(PDF) 41 Page - Micronas

Part # MSP3411G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3411G Datasheet(HTML) 41 Page - Micronas

Back Button MSP3411G Datasheet HTML 37Page - Micronas MSP3411G Datasheet HTML 38Page - Micronas MSP3411G Datasheet HTML 39Page - Micronas MSP3411G Datasheet HTML 40Page - Micronas MSP3411G Datasheet HTML 41Page - Micronas MSP3411G Datasheet HTML 42Page - Micronas MSP3411G Datasheet HTML 43Page - Micronas MSP3411G Datasheet HTML 44Page - Micronas MSP3411G Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
41
SCART SWITCHES AND DIGITAL I/O PINS
00 13hex
ACB Register
Defines the level of the digital output pins and the position of the SCART switches
bit[15]
0/1
low/high of digital output pin D_CTR_I/O_1
(MODUS[3]=0)
bit[14]
0/1
low/high of digital output pin D_CTR_I/O_0
(MODUS[3]=0)
bit[13:5]
SCART DSP Input Select
xxxx00xx0
SCART1 to DSP input (RESET position)
xxxx01xx0
MONO to DSP input (Sound A Mono must be selected in
the channel matrix mode for the corresponding output
channels)
xxxx10xx0
SCART2 to DSP input
xxxx11xx0
SCART3 to DSP input
xxxx00xx1
SCART4 to DSP input
xxxx11xx1
mute DSP input
bit[13:5]
SCART1 Output Select
xx00xxx0x
SCART3 input to SCART1 output (RESET position)
xx01xxx0x SCART2 input to SCART1 output
xx10xxx0x MONO input to SCART1 output
xx11xxx0x SCART1 DA to SCART1 output
xx00xxx1x SCART2 DA to SCART1 output
xx01xxx1x SCART1 input to SCART1 output
xx10xxx1x SCART4 input to SCART1 output
xx11xxx1x mute SCART1 output
bit[13:5]
SCART2 Output Select
00xxxx0xx
SCART1 DA to SCART2 output (RESET position)
01xxxx0xx
SCART1 input to SCART2 output
10xxxx0xx
MONO input to SCART2 output
00xxxx1xx
SCART2 DA to SCART2 output
01xxxx1xx
SCART2 input to SCART2 output
10xxxx1xx
SCART3 input to SCART2 output
11xxxx1xx
SCART4 input to SCART2 output
11xxxx0xx
mute SCART2 output
The RESET position becomes active at the time of the first write transmission
on the control bus to the audio processing part. By writing to the ACB register
first, the RESET state can be redefined.
ACB_REG
BEEPER
00 14hex
Beeper Volume and Frequency
bit[15:8]
Beeper Volume
00hex
off
7Fhex
maximum volume
bit[7:0]
Beeper Frequency
01hex
16 Hz (lowest)
40hex
1kHz
FFhex
4kHz
BEEPER
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com