Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3451G Datasheet(PDF) 38 Page - Micronas

Part # MSP3451G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3451G Datasheet(HTML) 38 Page - Micronas

Back Button MSP3451G Datasheet HTML 34Page - Micronas MSP3451G Datasheet HTML 35Page - Micronas MSP3451G Datasheet HTML 36Page - Micronas MSP3451G Datasheet HTML 37Page - Micronas MSP3451G Datasheet HTML 38Page - Micronas MSP3451G Datasheet HTML 39Page - Micronas MSP3451G Datasheet HTML 40Page - Micronas MSP3451G Datasheet HTML 41Page - Micronas MSP3451G Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
38
Micronas
SUBWOOFER OUTPUT CHANNEL
00 2Chex
Subwoofer Level Adjustment
bit[15:8]
0Chex
+12 dB
...
01hex
+1 dB
00hex
0 dB (default)
FFhex
−1dB
...
E3hex
−29 dB
E2hex
−30 dB
...
80hex
Mute
bit[7:0]
00hex
must be zero
If MDB is added onto the main channel, this register should be set to 00hex
SUBW_LEVEL
00 2Dhex
Subwoofer Corner Frequency
bit[15:8]
5...40
corner frequency in 10 Hz steps
(range: 50...400 Hz)
If MDB is active, SUBW_FREQ must be set to a value higher than the MDB Lowpass
Frequency (MDB_LP). Choosing the corner frequency of the subwoofer closer to
MDB_LP results in a narrower MDB frequency range. Recommended value:
1.5
×MDB_LP
Subwoofer Complementary High-Pass Filter
bit[7:0]
00hex
loudspeaker channel unfiltered
01hex
a complementary high-pass is processed in the loud-
speaker output channel
02hex
MDB added onto main channel
SUBW_FREQ
SUBW_HP
MDB CONTROL REGISTERS
00 68hex
MDB Effect Strength
bit[15:8]
00hex
MDB OFF (default)
7Fhex
maximum MDB
bit[7:0]
00hex
must be zero
The MDB effect strength can be adjusted in 1 dB steps. A value of 44hex will
yield a medium MDB effect.
MDB_STR
00 69hex
MDB Amplitude Limit
bit[15:8]
00hex
0 dBFS (default limitation)
FFhex
−1dBFS
...
E0hex
−32 dBFS
bit[7:0]
00hex
must be zero
The MDB Amplitude Limit defines the maximum allowed amplitude at the output
of the MDB relative to 0 dbFS. If the amplitude exceeds MDB_LIM, the gain of
the MDB is automatically reduced. Note that the Volume Clipping Mode must be
set to “dynamic” (see page 32).
MDB_LIM
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com