Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB225KKG035F-3JB Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB225KKG035F-3JB
Description  General Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB225KKG035F-3JB Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button UB225KKG035F-3JB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035F-3JB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D99
D
www.nkkswitches.com
Material: Polycarbonate
Finish: Glossy
(5.6)
.220
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
(6.1)
.240
(15.0) Sq
.591
Caps for Super Bright Bicolor LED
(6.1)
.240
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
Clear Lens
Translucent
White Diffuser
Translucent
White Cap
Clear Lens
Translucent
White Diffuser
Clear Lens
Alternating Legend Filter
Clear Lens
Alternating Legend Filter
AT3075B Beveled
White Cap
AT3074JB Sculptured
Clear Lens/White Diffuser
AT3076JB Flat
Clear Lens/White Diffuser
1JB
2B
3JB
Material: Polycarbonate
Finish: Glossy
Alternating Legend Caps for Super Bright Bicolor LED
CAP TYPES & COLOR COMBINATIONS FOR NONILLUMINATED
(15.0) Sq
.591
(6.1)
.240
(5.6)
.220
(15.0) Sq
.591
AT3073 Sculptured
4
AT3077 Beveled
5
JA
Lens/Insert
Colors Available:
JB
JC
JD
JF
Material: Polycarbonate
Finish: Glossy
A
Cap
Colors Available:
B
C
D
F
Clear Lens
Opaque
Colored Insert
Opaque
Colored Cap
Clear/Black
Clear/White
Clear/Red
Clear/Amber
Clear/Green
Black
White
Red
Amber
Green
Material: Polycarbonate
Finish: Glossy
No Code
No Lamp
AT3069J Sculptured Cap
with Alternating Legend
AT3070J Flat Cap with
Alternating Legend
4JCF
4JDG
Red/Green
Amber/Blue
5JCF
5JDG
Red/Green
Amber/Blue
Cap illumination is alternating Green/Red or Blue/Amber; legend text is black.
Contact factory for other Alternating Legends.
Legend illustrations are approximate representations of the actual characters on the filters.
11
12
13
ON OFF
ON
OFF
START STOP
Standard Alternating Legend Pairs
14
OPEN CLOSE
Green/Red or Blue/Amber
Green/Red or Blue/Amber
Green/Red or Blue/Amber
Green/Red or Blue/Amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com