Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

134 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # 134
Description  All welded construction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

134 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  134 Datasheet HTML 1Page - Willow Technologies Ltd 134 Datasheet HTML 2Page - Willow Technologies Ltd 134 Datasheet HTML 3Page - Willow Technologies Ltd 134 Datasheet HTML 4Page - Willow Technologies Ltd 134 Datasheet HTML 5Page - Willow Technologies Ltd 134 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PERFORMANCE CURVES
(NOTE 2)
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
134 Page 2
www.teledynerelays.com
134/1203/Q1
SERIES 134
GENERAL ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Notes 2 & 3)
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Note 3)
Contact Arrangement
2 Form C (DPDT)
Rated Duty
Continuous
Contact Resistance
0.1 ohm max. before life; 0.2 ohm max. after life at 1A/28Vdc (measured 1/8" from header)
Contact Load Ratings (DC)
(See Fig. 2 for other DC
resistive voltage/current ratings)
Resistive:
1 Amp/28Vdc
Inductive:
200 mA/28Vdc (320 mH)
Lamp:
100 mA/28Vdc
Low Level:
10 to 50 μA/10 to 50mV
Contact Load Ratings (AC)
Resistive:
250 mA/115Vac, 60 and 400 Hz (Case not grounded)
100 mA/115Vac, 60 and 400 Hz (Case grounded)
Contact Life Ratings
10,000,000 cycles (typical) at low level
1,000,000 cycles (typical) at 0.5A/28Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2A/28Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact factory
Coil Operating Power
200 milliwatts typical at nominal rated voltage @ 25°C
Operate Time
4.0 msec max. at nominal rated coil voltage
Release Time
134 Series: 2.0 msec max.
134D, 134DD Series: 7.5 msec max.
Contact Bounce
1.5 msec max.
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
10,000 megohms min. between mutually isolated terminals
Dielectric Strength
Atmospheric pressure: 500 Vrms/60Hz
70,000 ft.: 125 Vrms/60Hz
Negative Coil Transient (Vdc)
134D, 134DD
1.0 max
Diode P.I.V. (Vdc)
134D, 134DD
100 min.
BASE PART
NUMBERS
(See Note 8 for full P/N example)
134-5
134D-5
134DD-5
134-6
134D-6
134DD-6
134-9
134D-9
134DD-9
134-12
134D-12
134DD-12
134-18
134D-18
134DD-18
134-26
134D-26
134DD-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
7.5
10.0
15.0
20.0
30.0
40.0
Coil Resistance
(Ohms ±10% @25°C)
134, 134D
100
200
400
800
1600
3200
134DD (Note 4)
64
125
400
800
1600
3200
Coil Current (mAdc @25°C)
(134DD Series)
Min.
56.8
36.3
18.1
12.5
9.6
7.2
Max.
78.1
48.9
23.6
16.0
12.2
9.0
Pick-up Voltage (Vdc, Max.)
134, 134D
3.5
4.5
6.8
9.0
13.5
18.0
134DD
3.7
4.8
8.0
11.0
14.5
19.0
Drop-out Voltage (Vdc)
134, 134D
Min.
0.12
0.18
0.35
0.41
0.59
0.89
Max.
2.5
3.2
4.9
6.5
10.0
13.0
134DD
Min.
0.7
0.8
0.9
1.0
1.1
1.3
Max.
2.6
3.0
4.5
5.8
9.0
13.0
0
.1
.2
.3
.4
10
20
30
40
50
60
70
.01
0.5
.1
.5
1.0
FREQUENCY (GHz)
FIGURE 1
TYPICAL RF PERFORMANCE
INSER
TION
LOSS
RETURN
LOSS
(VSWR)
ISOLA
TION
ACROSS
CONT
ACTS
ISOLA
TION
ACROSS
POLES
1.92
1.22
1.07
1.02
1.01
1.00
1.00
300
250
200
150
100
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD CURRENT (AMPS DC)
FIGURE 2
TYPICAL DC CONTACT RATING (RESISTIVE)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com