Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

601 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # 601
Description  Optically Isolated 5 and 10A/250 Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

601 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  601 Datasheet HTML 1Page - Willow Technologies Ltd 601 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
601 17
601\072002\Q1
Series 601
ENVIRONMENTAL SPECIFICATIONS
Min
Max
Units
Operating Temperature
–40
+80
°C
Storage Temperature
–40
+80
°C
Junction Temperature (T
J)
125
°C
Dielectric Strength
1500
Vac
Isolation
109
Ohms
Thermal Resistance
(θ
JA) 601-1
19.0
°C/W
(θ
JS) 601-2
4.8
°C/W
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Load Voltage Rating
250
Vrms
Output Current Rating
601-1
0.1
5.0
Arms
601-2
0.1
10.0
Arms
Frequency Range
47
70.0
Hz
Over Voltage Range
601-1, -2
500
Vpeak
601-1H, -2H
600
Vpeak
On-State Voltage Drop
4.0
Vrms
(@ Rated Current)
Surge Current Rating (16 ms)
1000
%
(See Figure 6 and Note 4)
Turn-On Time
0.5
Cycle
Turn-Off Time
1.0
Cycle
Off-State Leakage @ 250 Vrms
9.0
mArms
Off-State dv/dt (See Note 1) 200
V/µs
Capacitance (Input to Output)
15.0
pF
CHARACTERISTICS CURVES
AMBIENT TEMPERATURE (˚C)
010
20
30
40
5060
7080
0
1
2
3
4
5
6
90
NO
HEAT
SINK
AMBIENT TEMPERATURE (˚C)
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
MOUNTED ON 1.0˚C/W HEAT SINK (SEE NOTE 5)
NO HEAT
SINK
CONTROL VOLTAGE (Vdc)
05
10
15
20
25
30
35
0
2
4
6
8
10
12
800
1000
600
400
200
10
100
1000
10000
SURGE DURATION (ms) - NON-REPETITIVE
Figure 4 – Maximum load current vs.
ambient temperature 601-1
Figure 5 – Maximum load current vs.
ambient temperature 601-2
Figure 3 – Typical input current vs. control voltage
Figure 6 – Maximum surge as function of load voltage
NOTES
1. Output transient (dv/dt) protection is provided in all models
and they are designed to switch resistive or inductive loads
to 0.2 power factor. The dv/dt rating is based on a source
impedance of 50 ohms.
2. For any mounting conditions: 5-amp relays, θ
JA = 19°C/W.
For 10-amp relays, θ
JS = 4.8°C/W.
3. Basic part number provides screw terminals or PC board
pins (Figure 1). For single 1/4-inch quick disconnect
terminals, add suffix ‘Q” to 10-amp part numbers, or “QQ”
suffix for double 1/4-inch quick disconnects. (Examples:
601-2Q, 601-2QQ).
4. Triac may lose blocking capability during and after surge
until T(J) falls below maximum.
5. Relays mounted with silicone grease on heat sink such as
Astrodyne, Inc., Type 2518-0500-A00B (for 1.0°C/W).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com