Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

602 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # 602
Description  10A, 250Vac Optically Isolated AC Solid-State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

602 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  602 Datasheet HTML 1Page - Willow Technologies Ltd 602 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
602 83
602\072002\Q1
Series 602
MECHANICAL SPECIFICATIONS
OUTPUT (LOAD) SPECIFICATIONS
Min
Typ
Max
Units
Dielectric Withstanding Voltage
1500
Vac
Junction Temperature (T
J Max)
150
oC
Thermal Resistance Junction to Ambient (θ
JA)
15.5
oC/W
Thermal Resistance Junction to Case (θ
JC)
2.5
oC/W
ENVIRONMENTAL SPECIFICATIONS
Min
Typ
Max
Units
Ambient Temperature
Operating
-55
+95
o C
Storage
-55
+110
o C
Shock for 6 ms
100
g
Vibration, 78 to 2000 Hz
30
g
(0.1 Double Amplitude 10 to 78 Hz)
Acceleration
100
g
NOTES:
1. UNLESS OTHERWISE SPECIFIED, TOLERANCES: .XXX = ± .005 (0.13mm);
.XX = ± .01 (0.25mm).
2. Weight: max. 3 oz.
3. BUILT IN SNUBBER (R = 100 W C = 0.01mF).
4. Output may lose blocking capabilities during and after surge until T
J falls below
maximum.
5. 100mS pulse @ 1 Hz reptitive rate at 25°C, maximum 10 cycles.
INPUT CURRENT VS
INPUT VOLTAGE
FIGURE 1
LOAD CURRENT VS TYPICAL
OUTPUT VOLTAGE DROP
FIGURE 2
THERMAL DERATING CURVES
FIGURE 3
• Case Material:
Self extinguishing plastic
• Epoxy Filled
• Case Color: Black
• Base Plate Material:
Aluminum
• Circuit diagram shown on
part is terminal view.
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com