Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # 652
Description  Optical Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

652 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  652 Datasheet HTML 1Page - Willow Technologies Ltd 652 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
652 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2011 TELEDYNE RELAYS
652 Rev --
Series 652
25A, 250 Vrms Optically isolated
AC Solid State Relay
OUTPUT (LOAD) SPECIFICATIONS
Min
Typ
Max
Unit
Dielectric Withstanding Voltage
1500
Vac
Power Dissipation
38
Watts
Thermal Resistance Junction to Ambient (θ
JA)
10
°C/W
Thermal Resistance Junction to Case (θ
JC)
1.2
°C/W
ENVIRONMENTAL SPECIFICATIONS
Min
Typ
Max
Unit
Ambient Temperature
Operating
-55
+110
°C
Storage
-55
+125
°C
Shock for 0.5 ms
1500
g
Vibration, 10 to 3000 Hz
30
g
* Contact factory for higher level environmental requirements
MECHANICAL SPECIFICATIONS
NOTES
1.
Output transient (dv/dt) protection is provided in all models. The dv/dt rating is based on a source impedance of 50 Ohms.
2.
Case temperature measurement is point in center of mounting surface.
3.
Designed to operate within all categories of MIL-STD-704B Aircraft Power Limits.
4.
Designed to switch resistive or inductive load to 0.2 power factor.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com