Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

682 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # 682
Description  Zero voltage turn-on SCR output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

682 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  682 Datasheet HTML 1Page - Willow Technologies Ltd 682 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
682 77
682\072002\Q1
-55 0
10
20
30 40 50
60
70 80
90 100 110 120 130
AMBIENT TEMPERATURE (˚C)
0
0.2
0.4
0.6
0.8
1.0
AT 32
Vdc
INPUT
AT 5
Vdc
INPUT
Series 682
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Junction Temperature (T
J Max)
130
oC
Thermal Resistance Junction to Ambient (
JA)65
oC/W
Thermal Resistance Junction to Case (
JC)15
oC/W
ENVIRONMENTAL SPECIFICATIONS
Min
Max
Units
Ambient Temperature
Operating
-55
+110
oC
Storage
-55
+125
oC
Shock (0.5 ms)
1500
g
Vibration, 20g
10
2000
Hz
Acceleration
5000
g
* Contact Factory for Higher level enviromental requirements
NOTES:
1. Case temperature is measured at point specified.
2. The dv/dt is 200 V/
μs with recommended snubber across output
terminals R= 100 ohm, 1/2 W, C=0.01
μf (600V). The dv/dt rating is
based on a source impedance of 50 ohms.
3. Output may lose blocking capability during and after surge until T
J falls
below maximum.
4. Contact factory for additional specifications.
TYPICAL INPUT CURRENT VS INPUT
VOLTAGE
FIGURE 1
PEAK SURGE CURRENT VS SURGE
CURRENT DURATION
FIGURE 2 (SEE NOTE 3)
LOAD CURRENT VS. TYPICAL OUTPUT
VOLTAGE DROP
FIGURE 4
MECHANICAL SPECIFICATIONS
• Weight: 6 grams (Max.)
• Case: Hermetically sealed 4 Pin DIP
• Material and Plating:
Pins and Header:Kovar gold plated per MIL G-45204
Type III, Grade A, Class 1
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)
MAXIMUM LOAD CURRENT VS. AMBIENT
TEMPERATURE
FIGURE 3
ja = 65 °C/W
T
jmax = 130°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com