Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC75-2S Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # SC75-2S
Description  Optically Isolated 1.0A with Short-Circuit Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SC75-2S Datasheet(HTML) 2 Page - Willow Technologies Ltd

  SC75-2S Datasheet HTML 1Page - Willow Technologies Ltd SC75-2S Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C75 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2004 TELEDYNE RELAYS
C75\112004\Q1
Series C75
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TRIP TIME (SECONDS)
–40°C
+25°C
+85°C
TYPICAL
TYPICAL
TYPICAL TRIPP CURRENT VS. TIME
FIGURE 4
ELECTRICAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com