Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP372LR3 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCMP372LR3
Description  Self-healing properties
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP372LR3 Datasheet(HTML) 2 Page - World Produts Inc.

  PCMP372LR3 Datasheet HTML 1Page - World Produts Inc. PCMP372LR3 Datasheet HTML 2Page - World Produts Inc. PCMP372LR3 Datasheet HTML 3Page - World Produts Inc. PCMP372LR3 Datasheet HTML 4Page - World Produts Inc. PCMP372LR3 Datasheet HTML 5Page - World Produts Inc. PCMP372LR3 Datasheet HTML 6Page - World Produts Inc. PCMP372LR3 Datasheet HTML 7Page - World Produts Inc. PCMP372LR3 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pilkor components
PFC Input Capacitors
PCMP 372
Metallized Polypropylene film capacitors
(MPP)
258
Ordering Information
* H(In-tape height) ; For detailed specifications refer to chapter PACKAGING
Available versions
Product (lmax)
12.5
18.0
26.0
31.0
code
Packing
method
C – tol.
Lead length
& Height
Hole
to hole
( Po)
Pitch (P)
3
Loose in box
±
5%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
4
Loose in box
±
10%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
5
Loose in box
±
5%
lt = 25±2.0mm
-
10.0
15.0
22.5
27.5
6
Loose in box
±
10%
lt = 25±2.0mm
-
10.0
15.0
22.5
27.5
7
Ammopack
±
5%
H = 18.5 mm*
12.7mm
10.0
15.0
22.5
27.5
8
Ammopack
±
10%
H = 18.5 mm*
12.7mm
10.0
15.0
22.5
27.5
b
dt
l
P0
h
H
h
l
lt
P
PCMP 372 X X X X X X
Type series
Code
Voltage
R
450V mini
U
500V mini
Q
630V mini
Code
Pitch
D
10.0mm
F
15.0mm
J
22.5mm
L
27.5mm
Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com