Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640AST Datasheet(PDF) 12 Page - Analog Devices

Part # AD6640AST
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640AST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6640AST Datasheet HTML 8Page - Analog Devices AD6640AST Datasheet HTML 9Page - Analog Devices AD6640AST Datasheet HTML 10Page - Analog Devices AD6640AST Datasheet HTML 11Page - Analog Devices AD6640AST Datasheet HTML 12Page - Analog Devices AD6640AST Datasheet HTML 13Page - Analog Devices AD6640AST Datasheet HTML 14Page - Analog Devices AD6640AST Datasheet HTML 15Page - Analog Devices AD6640AST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD6640
–11–
REV. A
THEORY OF OPERATION
The AD6640 analog-to-digital converter (ADC) employs a two-
stage subrange architecture. This design approach ensures
12-bit accuracy, without the need for laser trim, at low power.
As shown in the functional block diagram, the AD6640 has
complementary analog input pins, AIN and
AIN. Each analog
input is centered at 2.4 V and should swing
±0.5 V around this
reference (see Figure 2). Since AIN and
AIN are 180 degrees out
of phase, the differential analog input signal is 2 V p-p.
Both analog inputs are buffered prior to the first track-and-hold,
TH1. The high state of the ENCODE pulse places TH1 in hold
mode. The held value of TH1 is applied to the input of a 6-bit
coarse ADC. The digital output of the coarse ADC drives a
6-bit DAC; the DAC is 12 bits accurate. The output of the 6-bit
DAC is subtracted from the delayed analog signal at the input
of TH3 to generate a residue signal. TH2 is used as an analog
pipeline to null out the digital delay of the coarse ADC.
The 6-bit coarse ADC word and 7-bit residue word are added
together and corrected in the digital error correction logic to
generate the output word. The result is a 12-bit parallel digital
CMOS compatible word, coded as twos complement.
APPLYING THE AD6640
Encoding the AD6640
A valid ENCODE clock must be present on the AD6640 before
the application of AVCC (5 V). Best performance is obtained by
driving the ENCODE pins differentially. However, the AD6640
is also designed to interface with TTL and CMOS logic families.
The source used to drive the ENCODE pin(s) must be clean
and free from jitter. Sources with excessive jitter will limit SNR
(see the first equation under the Noise Floor and SNR section).
0.01 F
TTL OR CMOS
SOURCE
ENCODE
ENCODE
AD6640
Figure 7. Single-Ended TTL /CMOS ENCODE
The AD6640 ENCODE inputs are connected to a differential
input stage (see Figure 3). With no input signal connected to
either ENCODE pin, the voltage dividers bias the inputs to
1.6 V. For TTL or CMOS usage, the ENCODE source should
be connected to ENCODE, Pin 3.
ENCODE should be decoupled
using a low inductance or microwave chip capacitor to ground.
If a logic threshold other than the nominal 1.6 V is required,
the following equations show how to use an external resistor,
Rx, to raise or lower the trip point (see Figure 3; R1 = 17 k
Ω
and R2 = 8 k
Ω).
V l
=
5R2Rx
R1R2
+ R1Rx + R2Rx
to lower logic threshold.
0.01 F
ENCODE
SOURCE
ENCODE
ENCODE
AD6640
Rx
Vl
5V
R1
R2
Figure 8. Lower Logic Threshold for ENCODE
V
R
R
RRx
RRx
l =
+
+
52
2
1
1
to raise logic threshold.
0.01 F
ENCODE
SOURCE
ENCODE
ENCODE
AD6640
Rx
Vl
5V
R1
R2
AVCC
Figure 9. Raise Logic Threshold for ENCODE
While the single-ended ENCODE will work well for many appli-
cations, driving the ENCODE differentially will provide increased
performance. Depending on circuit layout and system noise, a 1 dB
to 3 dB improvement in SNR can be realized. It is not recom-
mended that differential TTL logic be used because most TTL
families that support complementary outputs are not delay or
slew rate matched. Instead, it is recommended that the ENCODE
signal be ac-coupled into the ENCODE and
ENCODE pins.
The simplest option is shown below. The low jitter TTL signal is
coupled with a limiting resistor, typically 100
Ω, to the primary
side of an RF transformer (these transformers are inexpensive
and readily available; part number in Figure 10 is from Mini-
Circuits). The secondary side is connected to the ENCODE
and
ENCODE pins of the converter. Since both ENCODE
inputs are self-biased, no additional components are required.
TTL
ENCODE
ENCODE
AD6640
100
T1–1T
0.1 F
Figure 10. TTL Source–Differential ENCODE
A clean sine wave may be substituted for a TTL clock. In this
case, the matching network is shown. Select a transformer ratio
to match source and load impedances. The input impedance of
the AD6640 ENCODE is approximately 11 k
Ω differentially.
Therefore the “R,” shown in the Figure 11, may be any value
that is convenient for available drive power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com