Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ST/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD6640ST/PCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ST/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6640ST/PCB Datasheet HTML 11Page - Analog Devices AD6640ST/PCB Datasheet HTML 12Page - Analog Devices AD6640ST/PCB Datasheet HTML 13Page - Analog Devices AD6640ST/PCB Datasheet HTML 14Page - Analog Devices AD6640ST/PCB Datasheet HTML 15Page - Analog Devices AD6640ST/PCB Datasheet HTML 16Page - Analog Devices AD6640ST/PCB Datasheet HTML 17Page - Analog Devices AD6640ST/PCB Datasheet HTML 18Page - Analog Devices AD6640ST/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD6640
–14–
REV. A
AD6640 output data is latched using 74LCX574 (U3, U4)
latches following 348
Ω series resistors. The resistors limit the
current that would otherwise flow due to the digital output slew
rate. The resistor value was chosen to represent a time constant
of ~25% of the data rate at 65 MHz. This reduces slew rate
while not appreciably distorting the data waveform. Data is
latched in a pipeline configuration; a rising edge generates the
new AD6640 data sample, latches the previous data at the con-
verter output, and strobes the external data register over J3.
Note that power and ground must be applied to J3 to power the
digital logic section of the evaluation board.
Table I. AD6640ST/PCB Bill of Material
Item
Quantity
Reference
Description
12
+5 VA, GND
Banana Jack
211C7–C9, C11–C17, C19
Ceramic Chip Capacitor 0805, 0.1
µF
32
C4, C6
Tantalum Chip Capacitor 10
µF
41
J3
40-Lead Double Row Male Header
53
J1, J2, J4
BNC Coaxial PCB Connector
61
R1
Surface Mount Resistor 1206, 348
Ω
725R2–R14, R20–R25, R30–R35
Surface Mount Resistor 1206, 348
Ω
81
R15
Surface Mount Resistor 1206, 100
Ω
91
R16
Surface Mount Resistor 1206, 270
Ω
10
2
T1, T2
Surface Mount Transformer Mini-Circuits T4–1T, 1:4 Ratio
11
1
U1
Clock Oscillator (Optional)
12
1
DUT
AD6640AST 12-Bit–65 MSPS A/D Converter
13
2
U3, U4
74LCX574 Octal Latch
14
1
U5
74LVQ00 Quad Two Input NAND Gate
15
1
C1, C18
Ceramic Chip Capacitor 0508, 0.01
µF Low Inductance
16
2
C2, C3
Ceramic Chip Capacitor 0508, 0.1
µF Low Inductance
17
2
CR1, CR2
1N2810 Schottky Diode
DIGITAL WIDEBAND RECEIVERS
Introduction
Several key technologies are now being introduced that may
forever alter the vision of radio. Figure 25 shows the typical dual
conversion superheterodyne receiver. The signal picked up by
the antenna is mixed down to an intermediate frequency (IF)
using a mixer with a variable local oscillator (LO); the variable
LO is used to “tune-in” the desired signal. This first IF is
mixed down to a second IF using another mixer stage and a
fixed LO. Demodulation takes place at the second or third IF
using either analog or digital techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com