Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9201ARS Datasheet(PDF) 8 Page - Analog Devices

Part # AD9201ARS
Description  Resolution CMOS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9201ARS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9201ARS Datasheet HTML 4Page - Analog Devices AD9201ARS Datasheet HTML 5Page - Analog Devices AD9201ARS Datasheet HTML 6Page - Analog Devices AD9201ARS Datasheet HTML 7Page - Analog Devices AD9201ARS Datasheet HTML 8Page - Analog Devices AD9201ARS Datasheet HTML 9Page - Analog Devices AD9201ARS Datasheet HTML 10Page - Analog Devices AD9201ARS Datasheet HTML 11Page - Analog Devices AD9201ARS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD9201
–7–
REV. D
CLOCK FREQUENCY – Hz
–50
–55
–65
–70
–75
–60
1.00E+06
1.00E+07
1.00E+08
Figure 9. THD vs. Clock Frequency (fIN = 1 MHz)
TEMPERATURE – C
1.012
–40
80
–20
020
40
60
1.011
1.008
1.010
1.009
1.007
1.006
100
Figure 10. Voltage Reference Error vs. Temperature
CLOCK FREQUENCY – MHz
185
0
4
215
200
195
190
210
205
16
8
12
20
220
180
26
18
10
14
Figure 11. Power Consumption vs. Clock Frequency
CODE
N–1
1.00E+07
1.20E+07
8.00E+06
6.00E+06
4.00E+06
2.00E+06
0.00E+00
N
N+1
10000000
255100
150400
Figure 12. Grounded Input Histogram
INPUT FREQUENCY – Hz
–12
–15
–30
–21
–24
–27
–18
1.00E+06
1.00E+07
1.00E+08
1.00E+09
–9
–6
–3
0
Figure 13. Full Power Bandwidth
INPUT FREQUENCY – Hz
60
55
35
1.00E+05
1.00E+08
1.00E+06
1.00E+07
50
45
40
–0.5dB
–6.0dB
–20.0dB
Figure 14. SNR vs. Input Frequency (Single Ended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com