Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9225ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9225ARSZ
Description  Monolithic A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9225ARSZ Datasheet HTML 12Page - Analog Devices AD9225ARSZ Datasheet HTML 13Page - Analog Devices AD9225ARSZ Datasheet HTML 14Page - Analog Devices AD9225ARSZ Datasheet HTML 15Page - Analog Devices AD9225ARSZ Datasheet HTML 16Page - Analog Devices AD9225ARSZ Datasheet HTML 17Page - Analog Devices AD9225ARSZ Datasheet HTML 18Page - Analog Devices AD9225ARSZ Datasheet HTML 19Page - Analog Devices AD9225ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AD9225
–15–
Figure 13 shows the schematic of the suggested transformer circuit.
The circuit uses a minicircuits RF transformer, model #T4-1T,
which has an impedance ratio of 4 (turns ratio of 2). The sche-
matic assumes that the signal source has a 50
W source impedance.
The 1:4 impedance ratio requires the 200
W secondary termination
for optimum power transfer and VSWR. The center tap of the
transformer provides a convenient means of level-shifting the input
signal to a desired common-mode voltage.
VINA
VINB
AD9225
200
49.9
RS
33
CML
MINICIRCUITS
T4-1T
0.1 F
RS
33
CS
Figure 13. Transformer Coupled Input
The configuration in Figure 13 was used to gather the differential
data on the Specifications tables.
Transformers with other turns ratios may also be selected to opti-
mize the performance of a given application. For example, a given
input signal source or amplifier may realize an improvement in
distortion performance at reduced output power levels and signal
swings. For example, selecting a transformer with a higher imped-
ance ratio (e.g., Minicircuits T16-6T with a 1:16 impedance ratio)
effectively steps up the signal level further reducing the driving
requirements of the signal source.
Referring to Figure 13, a series resistors, RS, and shunt capacitor,
CS, were inserted between the AD9225 and the secondary of the
transformer. The value of 33
W was selected to specifically opti-
mize both the THD and SNR performance of the ADC. RS and
CS help provide a low-pass filter to block high frequency noise.
The AD9225 can be easily configured for either a 2 V p-p input
span or a 4.0 V p-p input span by setting the internal reference (see
Table II). Other input spans can be realized with two external gain
setting resistors as shown in Figure 19. Figures 14 and 15 demon-
strate how both spans of the AD9225 achieve the high degree of
linearity and SFDR over a wide range of amplitudes required by
the most demanding communication applications.
Figures 14 and 15 demonstrate the flexibility of common-mode
voltage (transformer center tap) with respect to THD.
COMMON-MODE VOLTAGE (V)
–76
–78
–86
–80
–82
–84
05
1
23
4
fIN = 10MHz
fIN = 2.5MHz
Figure 14. Common-Mode Voltage vs. THD
(AIN = 2 V Differential)
COMMON-MODE VOLTAGE (V)
–76
–78
–86
–80
–82
–84
0.5
1.0
1.5
fIN = 10MHz
fIN = 2.5MHz
2.0
2.5
3.0
3.5
4.0
4.5
Figure 15. Common-Mode Voltage vs. THD
(AIN = 4 V Differential)
FUND
2ND
3RD
4TH
–119.7
–110.0
–100.0
–90.0
–80.0
–70.0
–60.0
–50.0
–40.0
–30.0
–20.0
–10.0
0.0
2.0E+6
4.0E+6
6.0E+6
8.0E+6
10.0E+6
12.5E+6
fIN = 2.5MHz
fS = 25MHz
Figure 16. Single-Tone Frequency Domain Plot
Common-Mode Voltage = 2.5 V (AIN = 4 V
Differential)
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com