Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F53 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCMP389F53
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F53 Datasheet(HTML) 5 Page - World Produts Inc.

  PCMP389F53 Datasheet HTML 1Page - World Produts Inc. PCMP389F53 Datasheet HTML 2Page - World Produts Inc. PCMP389F53 Datasheet HTML 3Page - World Produts Inc. PCMP389F53 Datasheet HTML 4Page - World Produts Inc. PCMP389F53 Datasheet HTML 5Page - World Produts Inc. PCMP389F53 Datasheet HTML 6Page - World Produts Inc. PCMP389F53 Datasheet HTML 7Page - World Produts Inc. PCMP389F53 Datasheet HTML 8Page - World Produts Inc. PCMP389F53 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
157
VRdc = 250 V
VRac = 160 V
~
Vp-p = 450 V
CATALOGUE NUMBER
PCMP 389 …..
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 18.5 mm
Cap
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Pitch = 27.5
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.91
1.0
1.1
1.2
1.3
1.5
1.6
11.0 X 21.0 X 31.0
8.2
PCMP 389L42914
PCMP 389L42105
PCMP 389L42115
PCMP 389L42125
PCMP 389 42135
PCMP 389 42155
PCMP 389 42165
-
-
-
-
-
-
-
1.8
2.0
2.2
13.0 X 23.0 X 31.0
10.4
PCMP 389 42185
PCMP 389 42205
PCMP 389 42225
-
-
-
2.4
2.7
15.0 X 25.0 X 31.0
12.8
PCMP 389 42245
PCMP 389 42275
-
-
3.0
3.3
3.6
3.9
18.0 X 28.0 X 31.0
17.2
PCMP 389 42305
PCMP 389 42335
PCMP 389 42365
PCMP 389 42395
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com