Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F63 Datasheet(PDF) 11 Page - World Produts Inc.

Part # PCMP389F63
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F63 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button PCMP389F63 Datasheet HTML 7Page - World Produts Inc. PCMP389F63 Datasheet HTML 8Page - World Produts Inc. PCMP389F63 Datasheet HTML 9Page - World Produts Inc. PCMP389F63 Datasheet HTML 10Page - World Produts Inc. PCMP389F63 Datasheet HTML 11Page - World Produts Inc. PCMP389F63 Datasheet HTML 12Page - World Produts Inc. PCMP389F63 Datasheet HTML 13Page - World Produts Inc. PCMP389F63 Datasheet HTML 14Page - World Produts Inc. PCMP389F63 Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
163
STORAGE TEMPERATURE
.Storage temperature : Tstg = -25 to +40℃ with RH maximum 80% without condensation.
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply at an ambient temperature of 23±1℃, an atmospheric
pressure of 86 to 106 kPa and a relative humidity of 50±2%.
For reference testing a conditioning period shall be applied of 96±4 hours by heating the products in a
circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
CHARACTERISTICS
Test Voltage
. Test Voltage ( between terminations ) : 1.6 x VRdc, 1min
. Test Voltage ( between leads and case ) : 2840 Vdc, 1min
Dissipation Factor
Tangent of loss angle ( x 10
-4 )
Rated voltage
Capacitance
1 kHz
10 kHz
100 kHz
250 V
0.047㎌ ≤ C ≤ 0.12㎌
0.12 ㎌ < C ≤ 0.33㎌
0.33 ㎌ < C ≤ 0.56㎌
0.56 ㎌ < C ≤ 0.91㎌
0.91 ㎌ < C ≤ 1.5 ㎌
1.5 ㎌ < C ≤ 2.2 ㎌
2.2 ㎌ < C ≤ 3.9 ㎌
≤
5
≤
5
≤
5
≤
5
≤
6
≤
6
≤
6
≤
5
≤
8
≤
10
≤
10
≤
10
≤
10
≤
15
≤
30
≤
40
≤
50
≤
60
≤
80
≤
100
≤
135
400 V
0.022㎌ ≤ C ≤ 0.075㎌
0.075㎌ < C ≤ 0.39 ㎌
0.39 ㎌ < C ≤ 0.91 ㎌
0.91 ㎌ < C ≤ 1.5 ㎌
1.5 ㎌ < C ≤ 2.0 ㎌
≤
5
≤
5
≤
5
≤
6
≤
6
≤
5
≤
8
≤
10
≤
10
≤
10
≤
20
≤
40
≤
60
≤
80
≤
95
630 V
0.010㎌ ≤ C ≤ 0.068 ㎌
0.068 ㎌ < C ≤ 0.39 ㎌
0.39 ㎌ < C ≤ 1.0 ㎌
≤
5
≤
5
≤
5
≤
5
≤
8
≤
10
≤
15
≤
40
≤
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com