Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489D41 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCMP489D41
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489D41 Datasheet(HTML) 6 Page - World Produts Inc.

  PCMP489D41 Datasheet HTML 1Page - World Produts Inc. PCMP489D41 Datasheet HTML 2Page - World Produts Inc. PCMP489D41 Datasheet HTML 3Page - World Produts Inc. PCMP489D41 Datasheet HTML 4Page - World Produts Inc. PCMP489D41 Datasheet HTML 5Page - World Produts Inc. PCMP489D41 Datasheet HTML 6Page - World Produts Inc. PCMP489D41 Datasheet HTML 7Page - World Produts Inc. PCMP489D41 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
228
MOUNTING
NORMAL USE
The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed
for mounting on printed-circuit boards by means of automatic insertion machines.
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATIONAND SHOCK
. For pitches of 15 mm the capacitors shall be mechanically fixed by the leads
. For larger pitches the capacitors shall be mounted in the same way and the body clamped.
STORAGE TEMPERATURE
. Storage temperature: Tstg = -25 to +40℃ with RH maximum 80% without condensation.
RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS
Unless otherwise specified all electrical values apply at an ambient temperature of 23±1
oC, an atmospheric pressure of 86
to 106 kPa and a relative humidity of 50±2 %.
For reference testing a conditioning period shall be applied of 96±4 h by heating the products in a circulating air oven
at the rated temperature and a relative humidity not exceeding 20 %.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com