Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1001SC Datasheet(PDF) 13 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 13 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
MV1001SC
12
3.2.6
Resistors for Svin and Svout pins(R5, R6, R7 and R8)
The Svin and Svout pins are used for comparator input to detect voltage inversions on both ends of L1 to determine
switching timing on (zero current detection). To ensure advantageous comparator characteristics, the input voltage into
the pins should not exceed 3.5 V. The voltages on both ends of L are very high; voltage dividing resistors (R5, R6, R7, and
R8) are required, as shown in the circuit diagram (Figure 7).
Due to the configuration of the basic circuit, an LED leak current flows via the voltage dividing resistors (R5 to R8) and
the IC internal resistor (25 kΩ). To reduce output current when the IC is not operating and the dimming ratio is at its
minimum, use a winding voltage supply, as described in Section 3.3.
Figure 7 shows the voltage waveforms of the Svin and Svout pins and the internal circuit diagram.
Figure 7 Zero current detecting operation waveforms and internal circuit diagram
Select R7 and R8 so that the Svout pin voltage is around 3 V when the input voltage is at maximum. Use the following
formula:
Select R5 and R6 with resistance about 5% lower than R7 and R8. (See Section 6.2 [LED short circuits] on page 29.)
Select highly accurate resistors as R5, R6, R7, and R8 (accuracy ±1% or better).
When the output voltage Vo does not exceed 10% of the maximum input voltage Vi, zero current detection may be
disabled. In that case, use the winding voltage supply, as described in Section 3.3 on page 15.
3.2.7
CS pin filter (R3 and C4)
R3 and C4 are filters used to shield the CS pin from noise. Adjusting R3 to range between 0 Ω and several kΩ and C4
between 10 pF and 100 pF will reduce false detections of off-timing due to switching-on noise in the off-time modulation
region. When adjusting the filter constants, check for false detections on the actual apparatus using as many different
REF pin voltage VREF settings as possible within the REF voltage range given in the specification. (For details, see Section
5.1.2 [[B] Off-time modulation range] on pages 22 to 23.)
If the filter constants set are too large, the detection delay will grow, along with the change in output current due to the
output current setting and the input voltage. Reselect current detection resistors (R1 and R2) or the inductor, if necessary.
k
25
3
V
max
_
Vi
k
25
8
R
7
R
F
-
-
CAT.No.1A0102-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com