Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1011SC Datasheet(PDF) 21 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1011SC
Description  LED driver IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1011SC Datasheet(HTML) 21 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1011SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1011SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
MV1011SC
20
5. Dimming characteristics
Figure 13 shows typical dimming characteristics for the MV1011SC.
Since the current detection threshold changes with REF pin voltage VREF, the output current can be adjusted using VREF.
Apply a DC voltage to the REF pin and adjust the voltage to enable linear dimming control. In addition, sending a PWM
signal of 1 kHz or less to the REF pin and controlling the duty cycle enables PWM dimming. Reducing VREF automatically
switches operations from critical conduction mode to discontinuous conduction mode, allowing adjustments of the output
current to very low levels, even with linear dimming.
[A] frequency modulation region and [B] off-time modulation region shown in Figure 13 are automatically switched over
based on a comparison of Toff (CRM) and Toff (DCM) on the IC. Toff (CRM) is the off-time in critical conduction mode
(sum of toff1 worked out by the formula in Figure 5 on page 8 and the resonant period toff2). Toff (DCM) is the forced
off-time determined on the IC based on VREF. When Toff (CRM) > Toff (DCM), the operating mode switches to the [A]
frequency modulation region. When Toff (CRM) < Toff (DCM), the operating mode switches to the [B] off-time modulation
region. The REF pin voltage for switchover changes with input/output conditions, choke inductance, and other parameters.
Calculate the forced off-time Toff (DCM), using the following approximation formula as a guide.
The lower chart in Figure 13 shows a graph of REF pin voltage and off-time. The red curve represents Toff (CRM). The
green curve represents Toff (DCM).
If VREF is equal to or below the oscillation-off REF pin threshold voltage (Vth_REF_sp), the operation will switch to the [C]
Oscillation off region.
Operating mode
[A] Frequency modulation region
When Toff (CRM) > Toff
(DCM)
[B] Off-time modulation region
When Toff (CRM) < Toff
(DCM)
[C] Oscillation off region
When VREF < Vth_REF_sp
)
V
7
.
0
V
V
24
.
0
(
]
s
[
9
.
9
-
V
9
.
45
35
.
64
)
DCM
(
Toff
REF
REF
(参考)
]
s
[
9
.
9
-
VREF
9
.
45
35
.
64
)
DCM
(
Toff
]
s
[
LC
(max)
Io
2
5
.
2
VREF
V
Vo
L
)
CRM
(
Toff
F
Dimming ratio [%]
REF pin voltage [V]
REF pin voltage [V]
(Reference)
CAT.No.1A0402-1E
Figure 13 Relationship of REF pin voltage VREF to dimming ratio and to off-time Toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com