Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489F61 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCMP489F61
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489F61 Datasheet(HTML) 7 Page - World Produts Inc.

  PCMP489F61 Datasheet HTML 1Page - World Produts Inc. PCMP489F61 Datasheet HTML 2Page - World Produts Inc. PCMP489F61 Datasheet HTML 3Page - World Produts Inc. PCMP489F61 Datasheet HTML 4Page - World Produts Inc. PCMP489F61 Datasheet HTML 5Page - World Produts Inc. PCMP489F61 Datasheet HTML 6Page - World Produts Inc. PCMP489F61 Datasheet HTML 7Page - World Produts Inc. PCMP489F61 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
229
CHARACTERISTICS
Test Voltage
. Test Voltage ( between leads ) : 1.6 x VRdc, 1min (cut-off current 10mA)
. Test Voltage ( between leads and Case ) : 2840 Vdc, 1min
Dissipation Factor
. Dissipation factor(DF) : When sine wave AC is applied at 10KHz ±200Hz and 5Vrms,
DF < 10 × 10
-4 (0.1%)
when C < 1.0㎌
Insulation Resistance (lead to lead)
. The insulation resistance is measured for 1min ±5s,
at 100Vdc for VRdc < 500V, at 500Vdc for VRdc ≥ 500V
C ≤ 0.33㎌ : R > 100 000 ㏁
C > 0.33㎌ : RC ≥ 30 000 s
Capacitance
. at 1KHz ±200Hz and 5Vrms Max 10 x 10
-4 (0.1%) when C ≤ 1.0㎌
. at 10KHz ±200Hz and 5Vrms Max 20 x 10
-4 (0.2%) when C ≤ 1.0㎌
Self heating temperature
. Maximum allowable rise is 7℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com