Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW223 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCPW223
Description  Low inductive wound cell of metalized(PET) film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW223 Datasheet(HTML) 2 Page - World Produts Inc.

  PCPW223 Datasheet HTML 1Page - World Produts Inc. PCPW223 Datasheet HTML 2Page - World Produts Inc. PCPW223 Datasheet HTML 3Page - World Produts Inc. PCPW223 Datasheet HTML 4Page - World Produts Inc. PCPW223 Datasheet HTML 5Page - World Produts Inc. PCPW223 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pilkor components
Metallized Polyester
PCPW 223
film capacitors
318
Ordering Information
Packing Information
Available versions
Product (lmax)
18.0
23.5
26.0
Code
Packing method
C – tol.
Lead length & tol.
Pitch (P)
1
Loose in box
±
10%
lt = 5.0±1.0mm
15.0
20.0
22.5
2
Loose in box
±
10%
lt = 25.0±2.0mm
15.0
20.0
22.5
Loose in box
Loose in box
Smallest Packing Quantities
(SPQ)
Lt = 5.0±1.0mm
Lt = 25.0±2.0mm
Dimensions(max.)
SPQ
SPQ
8.5 x 15.0 x 18.0
1000
4000
11.0 x 18.5 x 18.0
1000
4000
11.0 x 22.5 x 23.5
500
2000
12.5 x 23.0 x 26.0
500
2000
13.0 x 23.0 x 26.0
500
2000
PCPW 223 X X X X X X
Type series
Code
Voltage
V
35V
Code
Pitch
F
15.0mm
H
20.0mm
J
22.5mm
Capacitance
b
dt
h
l
lt
P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com