Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F65 Datasheet(PDF) 13 Page - World Produts Inc.

Part # PCMP389F65
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F65 Datasheet(HTML) 13 Page - World Produts Inc.

Back Button PCMP389F65 Datasheet HTML 8Page - World Produts Inc. PCMP389F65 Datasheet HTML 9Page - World Produts Inc. PCMP389F65 Datasheet HTML 10Page - World Produts Inc. PCMP389F65 Datasheet HTML 11Page - World Produts Inc. PCMP389F65 Datasheet HTML 12Page - World Produts Inc. PCMP389F65 Datasheet HTML 13Page - World Produts Inc. PCMP389F65 Datasheet HTML 14Page - World Produts Inc. PCMP389F65 Datasheet HTML 15Page - World Produts Inc. PCMP389F65 Datasheet HTML 16Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
165
THE GRAPHS OF CHARACTERISTICS
0
20
100
Tamb(℃)
40
60
80
10
5
10
4
RC
(S)
10
6
RC product as a function for ambient temperature ; typical curve
3.3㎌
1.0㎌
100㎋
10㎋
10
5
f(Hz)
10
6
10
7
10
4
10
-3
Impedance
( Ω)
10
-2
10
2
10
8
10
-1
10
1
10
0
Impedance as a function of frequency ; typical curves
∆C/C
(%)
0
4
-2
0
Tamb(°C)
50
Capacitance change at 1kHz as a function of ambient
-4
-6
2
100
-50
-55
-20
0
20
100
Tamb (℃)
factor
1.2
1.0
0.8
0.6
0.4
0.2
-40
40
60
80
-55
-20
0
20
100
Tamb (℃)
△
T
(℃)
12
10
8
6
4
2
0
-40
40
60
Maximum allowed component temperature rise (ΔT)
80
0.0
Multiplying factor for DC and AC voltage as a function of temperature
Tangent of loss angle as a function of frequency ; typical
1
10
100
1000
0
1
10
100
1000
f (Hz)
dissipation
factor
(
×10-4)
10
3
10
2
10
1
10
0
10
2
10
3
10
4
10
5
10
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com